Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM136A-2.5QML Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM136A-2.5QML
Szczegółowy opis  LM136A-2.5QML 2.5V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM136A-2.5QML Arkusz danych(HTML) 5 Page - Texas Instruments

  LM136A-2.5QML_15 Datasheet HTML 1Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 2Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 3Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 4Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 5Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 6Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 7Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 8Page - Texas Instruments LM136A-2.5QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM136A-2.5QML, LM136A-2.5QML-SP
www.ti.com
SNOSAM3E – JULY 2007 – REVISED APPRIL 2013
LM136A-2.5QML Electrical Characteristics DC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
IR = 1mA
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
IAdj
Adjust Current
VAdj = 0.7V
-125
+125
µA
1, 2, 3
ΔVZ
6.0
mV
1
Delta Zener Voltage
0.4mA
≤ IZ ≤ 10 mA
10
mV
2, 3
2.46
2.51
V
1
5
5
VAdj = Open
2.44
2.54
V
2, 3
VZ
Zener Voltage
2.39
2.49
V
1
VAdj = 0.7V
2.29
2.49
V
2, 3
VAdj = 1.9V
2.49
2.69
V
1, 2, 3
See(3)
0.6
1
ZRD
Reverse Dynamic Impedance
See(3)
1.0
2, 3
VStab
Temperature Stability
VZ = Adjusted to 2.490V
18
mV
2, 3
(1)
Pre and post irradiation limits are identical to those listed under DC electrical characteristics. These parts may be dose rate sensitive in
a space environment and may demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are
specified only for the conditions as specified in Mil-Std-883, Method 1019.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
(3)
Parameter tested go-no-go only.
LM136A-2.5QML Electrical Characteristics DC Drift Parameters
(1) (2)
Delta calculations are performed on QMLV devices at Group B, Subgroup 5 only.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VAdj = Open
−10
+10
mV
1
VZ
Zener Voltage
VAdj = 0.7V
−10
+10
mV
1
VAdj = 1.9V
−10
+10
mV
1
(1)
Pre and post irradiation limits are identical to those listed under DC electrical characteristics. These parts may be dose rate sensitive in
a space environment and may demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are
specified only for the conditions as specified in Mil-Std-883, Method 1019.
(2)
Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019 condition D of MIL-STD-883, with no
enhanced low dose rate sensitivity (ELDRS) effect.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM136A-2.5QML LM136A-2.5QML-SP


Podobny numer części - LM136A-2.5QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
More results

Podobny opis - LM136A-2.5QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
[Old version datasheet]   2.5V Reference Diode
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com