Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM236-2.5 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM236-2.5
Szczegółowy opis  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM236-2.5 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM236-2.5_15 Datasheet HTML 1Page - Texas Instruments LM236-2.5_15 Datasheet HTML 2Page - Texas Instruments LM236-2.5_15 Datasheet HTML 3Page - Texas Instruments LM236-2.5_15 Datasheet HTML 4Page - Texas Instruments LM236-2.5_15 Datasheet HTML 5Page - Texas Instruments LM236-2.5_15 Datasheet HTML 6Page - Texas Instruments LM236-2.5_15 Datasheet HTML 7Page - Texas Instruments LM236-2.5_15 Datasheet HTML 8Page - Texas Instruments LM236-2.5_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
LM236-2.5
LM336-2.5
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VZ
Reference voltage
IZ = 1 mA
LM236, LM336
25
°C
2.44
2.49
2.54
2.39
2.49
2.59
V
VZ
Reference voltage
IZ = 1 mA
LM336B
25
°C
2.44
2.49
2.54
V
∆VZ(∆T)
Change in reference
voltage with
temperature
VZ adjusted to 2.490 V,
IZ = 1 mA
Full range
3.5
9
1.8
6
mV
∆VZ( I)
Change in reference
IZ = 400 A to 10 mA
25
°C
2.6
6
2.6
10
mV
∆VZ(∆I)
Change in reference
voltage with current
IZ = 400 µA to 10 mA
Full range
3
10
3
12
mV
∆VZ(∆t)
Long-term change
in reference voltage
IZ = 1 mA
25
°C
20
20
ppm/khr
zz
Reference
IZ = 1 mA,
f = 1 kHz
25
°C
0.2
0.6
0.2
1
W
zz
Reference
impedance
IZ = 1 mA,
f = 1 kHz
Full range
0.4
1
0.4
1.4
W
† Full range is −25°C to 85°C for the LM236-2.5 and 0°C to 70°C for the LM336-2.5 and LM336B-2.5.


Podobny numer części - LM236-2.5_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_16 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

Podobny opis - LM236-2.5_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com