Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM336MX-5.0 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM336MX-5.0
Szczegółowy opis  LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM336MX-5.0 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM336MX-5.0 Datasheet HTML 1Page - Texas Instruments LM336MX-5.0 Datasheet HTML 2Page - Texas Instruments LM336MX-5.0 Datasheet HTML 3Page - Texas Instruments LM336MX-5.0 Datasheet HTML 4Page - Texas Instruments LM336MX-5.0 Datasheet HTML 5Page - Texas Instruments LM336MX-5.0 Datasheet HTML 6Page - Texas Instruments LM336MX-5.0 Datasheet HTML 7Page - Texas Instruments LM336MX-5.0 Datasheet HTML 8Page - Texas Instruments LM336MX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM136-5.0, LM236-5.0, LM336-5.0
www.ti.com
SNVS750D – JUNE 1999 – REVISED MARCH 2013
LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
Check for Samples: LM136-5.0, LM236-5.0, LM336-5.0
1
FEATURES
DESCRIPTION
The
LM136-5.0/LM236-5.0/LM336-5.0
integrated
2
Adjustable 4V to 6V
circuits are precision 5.0V shunt regulator diodes.
Low Temperature Coefficient
These monolithic IC voltage references operate as a
Wide Operating Current of 600
μA to 10 mA
low temperature coefficient 5.0V zener with 0.6
Ω
dynamic impedance. A third terminal on the LM136-
0.6
Ω Dynamic Impedance
5.0 allows the reference voltage and temperature
± 1% Initial Tolerance Available
coefficient to be trimmed easily.
Specified Temperature Stability
The LM136-5.0 series is useful as a precision 5.0V
Easily Trimmed for Minimum Temperature Drift
low voltage reference for digital voltmeters, power
Fast Turn-on
supplies or op amp circuitry. The 5.0V makes it
convenient to obtain a stable reference from low
Three Lead Transistor Package
voltage
supplies.
Further,
since
the
LM136-5.0
operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
The LM136-5.0 is rated for operation over
−55°C to
+125°C while the LM236-5.0 is rated over a
−25°C to
+85°C temperature range. The LM336-5.0 is rated for
operation over a 0°C to +70°C temperature range.
See the Connection Diagrams for available packages.
For applications requiring 2.5V see LM136-2.5.
Connection Diagrams
Figure 1. TO-92 Plastic Package
Figure 2. TO Metal Can Package
(Bottom View)
(Bottom View)
Figure 3. SOIC Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM336MX-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336MX-2.5/NOPB TI1-LM336MX-2.5/NOPB Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
More results

Podobny opis - LM336MX-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-2.5 TI1-LM336M-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com