Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV20N50E Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MTV20N50E
Szczegółowy opis  Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV20N50E Arkusz danych(HTML) 5 Page - ON Semiconductor

  MTV20N50E Datasheet HTML 1Page - ON Semiconductor MTV20N50E Datasheet HTML 2Page - ON Semiconductor MTV20N50E Datasheet HTML 3Page - ON Semiconductor MTV20N50E Datasheet HTML 4Page - ON Semiconductor MTV20N50E Datasheet HTML 5Page - ON Semiconductor MTV20N50E Datasheet HTML 6Page - ON Semiconductor MTV20N50E Datasheet HTML 7Page - ON Semiconductor MTV20N50E Datasheet HTML 8Page - ON Semiconductor MTV20N50E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MTV20N50E
http://onsemi.com
5
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (Δt)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate
of average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation
for voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve
at a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to
the on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate
drive current. The voltage is determined by Ldi/dt, but since
di/dt is a function of drain current, the mathematical solution
is complex. The MOSFET output capacitance also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves
would maintain a value of unity regardless of the switching
speed. The circuit used to obtain the data is constructed to
minimize common inductance in the drain and gate circuit
loops and is believed readily achievable with board
mounted components. Most power electronic loads are
inductive; the data in the figure is taken with a resistive load,
which approximates an optimally snubbed inductive load.
Power MOSFETs may be safely operated into an inductive
load; however, snubbing reduces switching losses.
Figure 7a. Capacitance Variation
Figure 7b. High Voltage Capacitance Variation
10
5
0
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
9000
8000
7000
4000
3000
2000
1000
0
VGS
VDS
TJ = 25°C
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
100
10
10000
1000
100
10
Ciss
Coss
Crss
VDS = 0 V
VGS = 0 V
TJ = 25°C
VGS = 0 V
6000
5000
510
Coss
Ciss
Ciss
Crss
Crss


Podobny numer części - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - MTV20N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com