Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148UB2 Arkusz danych(PDF) 9 Page - Microsemi Corporation

Numer części 1N4148UB2
Szczegółowy opis  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UB2 Arkusz danych(HTML) 9 Page - Microsemi Corporation

Back Button 1N4148UB2 Datasheet HTML 5Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 6Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 7Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 8Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 9Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 10Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 11Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 12Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MIL-PRF-19500/116L
9
4. VERIFICATION
4.1 Classification of inspections. The inspection requirements specified herein are classified as follows:
a. Qualification inspection (see 4.2).
b. Screening (see 4.3).
c. Conformance inspection (see 4.4).
4.2 Qualification inspection. Qualification inspection shall be in accordance with MIL-PRF-19500 and as specified
herein.
4.2.1 Group E inspection. Group E inspection shall be in accordance with MIL-PRF-19500 and table II herein.
4.3 Screening (JAN, JANTX, and JANTXV levels only). Screening shall be in accordance with table IV of
MIL-PRF-19500 and as specified herein. The following measurements shall be made in accordance with table I
herein. Devices that exceed the limits of table I herein shall not be acceptable.
Screen (see table IV
Measurement
of MIL-PRF-19500)
JAN level
JANTX and JANTXV levels
3a
Temperature cycling in accordance
with MIL-PRF-19500 TX level.
Temperature cycling
3c (1)
Thermal impedance (see 4.5.5)
Thermal impedance (see 4.5.5)
9
Not applicable
Not applicable
10 (2)
Not applicable
Method 1038, condition A, t = 48 hours
11
Not applicable
I
R1
and V
F1
12
Not applicable
See 4.3.1, t = 48 hours
13
Not applicable
(3) Subgroup 2 of table I herein;
'IR1 = 100 percent of initial reading or 15 nA,
whichever is greater;
'VF1 = 25 mV dc.
PDA = 10 percent
(1) Thermal impedance shall be performed any time after sealing provided temperature cycling is performed in
accordance with MIL-PRF-19500, screen 3 prior to this thermal test.
(2) Test within 24 hours after removal from test.
(3) When thermal impedance is performed prior to screen 13, it is not required to be repeated in screen 13.
4.3.1 Burn-in test conditions. Burn-in conditions are as follows:
Type
T
A
+30
qC r5qC
V
RWM
= 75 V (pk)
f = 50 - 60 Hz
T
A
= +30
qC r5qC
1N914, 1N914UR
I
O
= 75 mA
I
F
=150 mA min
1N4531, 1N4531UR
I
O
= 125 mA
I
F
= 175 mA min
1N4148-1, 1N4148UR-1, 1N4148UB,
1N4148UB2, 1N4148UBR2
I
O
= 200 mA
I
F
= 200 mA min


Podobny numer części - 1N4148UB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
85Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

Podobny opis - 1N4148UB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com