Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK682-010-E Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części STK682-010-E
Szczegółowy opis  2-phase Stepping Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK682-010-E Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button STK682-010-E Datasheet HTML 5Page - ON Semiconductor STK682-010-E Datasheet HTML 6Page - ON Semiconductor STK682-010-E Datasheet HTML 7Page - ON Semiconductor STK682-010-E Datasheet HTML 8Page - ON Semiconductor STK682-010-E Datasheet HTML 9Page - ON Semiconductor STK682-010-E Datasheet HTML 10Page - ON Semiconductor STK682-010-E Datasheet HTML 11Page - ON Semiconductor STK682-010-E Datasheet HTML 12Page - ON Semiconductor STK682-010-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STK682-010-E
No.A2252-9/20
(7) DECAY mode
The DECAY mode of the output current becomes only MIXED DECAY.
FDT voltage
DECAY method
3.5V to
SLOW DECAY
1.1V to 3.1V or OPEN
MIXED DECAY
to 0.8V
FAST DECAY
(8) Chopping frequency setting function
Chopping frequency is set as shown below by a capacitor between OSC1 pin and GND.
Fch = 1 / (C1+20pF / 10×10-6) (Hz)
(Example) When Cosc1=100pF, the chopping frequency is shown below.
Fch = 1 / ((20+ 100)×10-12 / 10×10-6) (Hz) = 83.3 (kHz)
Note
 The 20pF is a stray capacitance which is involved by the package of STK682-010-E.
(9) Output short-circuit protection circuit
Build-in output short-circuit protection circuit makes output to enter in stand-by mode. This function prevents the IC
from damaging when the output shorts circuit by a voltage short or a ground short, etc. When output short state is
detected, short-circuit detection circuit starts the operating and output is once turned OFF. After the timer latch time
(typ : 256μs), output is turned ON again. Still the output is at short state, the output is turned OFF and fixed in
stand-by mode.
When output is fixed in stand-by mode by output short protection circuit, output is released the latch by setting Chip
enable terminal/ VCC="L"
(10) Internal DOWN pin
The DOWN pin is an open drain connection.
This pin is turned ON when no rising edge of CLK between the input signals while a period determined by a
capacitor between OSC2 and GND, and outputs at low levels.
The DOWN pin output in once turned ON, is turned OFF at the next rising edge of CLK.
Holding current switching time (0.6sectyp) is set by an internal capacitor between OSC2 pin and GND.
(11) Output current tolerance
0
0.5
1
1.5
2
2.5
3
3.5
0
10
20
30
40
50
60
70
80
90
100 110
STK682-010-E Output current tolerance Io Tc
Operating substrate temperature Tc C
1-2 phase excitation
and more
2 phase excitation


Podobny numer części - STK682-010-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK68 ETC-STK68 Datasheet
183Kb / 1P
   MCC FACTSHEET
logo
Sanyo Semicon Device
STK681-050 SANYO-STK681-050 Datasheet
99Kb / 5P
   Bidirectional DC Brush-Type Motor Driver (Io=5A)
STK681-300 SANYO-STK681-300 Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
More results

Podobny opis - STK682-010-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com