Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N29071AD-1 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 2N29071AD-1
Szczegółowy opis  SWITCHING TRANSISTOR PNP SILICON
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N29071AD-1 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  2N29071AD-1 Datasheet HTML 1Page - Microsemi Corporation 2N29071AD-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical Characteristics @ Tj = 25
°C
Symbol
Parameter
Conditions
Min
Max
Unit
OFF CHARACTERISTICS
V(BR)CBO
Breakdown Voltage, Collector to Base
Bias Cond. D, IC=10uAdc
60
Vdc
V(BR)EBO
Breakdown Voltage, Emitter to Base
Bias Cond. D, IE=10uAdc
5
Vdc
V(BR)CEO
Breakdown Voltage, Collector to Emitter
Bias Cond. D, IC= 10mAdc, pulsed
60
Vdc
ICES
Collector to Emitter Cutoff Current
Bias Cond. D, VCE=50Vdc
50 nAdc
ICBO1
Collector to Base Cutoff Current
Bias Cond. D, VCB=50Vdc
10 nAdc
IEBO
Emitter to Base Cutoff Current
Bias Cond. D, VEB= 4Vdc
50 nAdc
ON CHARACTERISTICS
hFE1
Forward-Current Transfer Ratio
VCE=10Vdc, IC=0.1mAdc
75
hFE2
Forward-Current Transfer Ratio
VCE=10Vdc, IC=1.0mAdc
100
450
hFE3
Forward-Current Transfer Ratio
VCE=10Vdc, IC=10mAdc
100
hFE4
Forward-Current Transfer Ratio
VCE=10Vdc, IC=150mAdc, pulsed
100
300
hFE5
Forward-Current Transfer Ratio
VCE=10Vdc, IC=500mAdc, pulsed
50
VCE(sat)1
Collector to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.4 Vdc
VCE(sat)2
Collector to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
1.6 Vdc
VBE(sat)1
Base to Emitter Saturation Voltage
IC=150mAdc, IB=15mAdc, pulsed
0.6
1.3 Vdc
VBE(sat)2
Base to Emitter Saturation Voltage
IC=500mAdc, IB=50mAdc, pulsed
2.6 Vdc
SMALL SIGNAL CHARACTERISTICS
hfe
Short Circuit Forward Current Xfer Ratio
VCE= 10Vdc,IC =1mAdc, f= 1kHz
100
/hfe/
Magnitude of Short Circuit Forward
VCE= 20Vdc,IC =50mAdc, f=100MHz
2
Current Transfer Ratio
Cobo
Output Capacitance
VCB= 10Vdc, IE =0, 100kHz< f <1MHz
8 pF
Cibo
Input Capacitance
VEB= 2.0Vdc, IC=0, 100kHz< f <1MHz
30 pF
SWITCHING CHARACTERISTICS
ton
Saturated Turn-on Time
As defined in 19500/291 Figure 7
45 nS
toff
Saturated Turn-off Time
As defined in 19500/291 Figure 8
300 nS


Podobny numer części - 2N29071AD-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
TT Electronics.
2N2907 TTELEC-2N2907 Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
459Kb / 3P
   PNP Switching Transistors
More results

Podobny opis - 2N29071AD-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com