Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2853A Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2853A
Szczegółowy opis  8-Pin Continuous Conduction Mode (CCM) PFC Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2853A Arkusz danych(HTML) 3 Page - Texas Instruments

  UC2853A Datasheet HTML 1Page - Texas Instruments UC2853A Datasheet HTML 2Page - Texas Instruments UC2853A Datasheet HTML 3Page - Texas Instruments UC2853A Datasheet HTML 4Page - Texas Instruments UC2853A Datasheet HTML 5Page - Texas Instruments UC2853A Datasheet HTML 6Page - Texas Instruments UC2853A Datasheet HTML 7Page - Texas Instruments UC2853A Datasheet HTML 8Page - Texas Instruments UC2853A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UCC28019
SLUS755B – APRIL 2007 – REVISED DECEMBER 2007
Unless otherwise noted, VCC = 15 VDC, 0.1 µF from VCC to GND, -40°C ≤ TJ = TA ≤ 125°C. All voltages are with respect to
GND. Currents are positive into and negative out of the specified terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Bias Supply
IVCC(start)
Pre-start current
VCC = VCCON – 0.1 V
25
100
200
µA
IVCC(stby)
Standby current
VSENSE = 0.5 V
1.0
2.1
2.9
mA
IVCC(on_load)
Operating current
VSENSE = 4.5 V, CGATE = 4.7 nF
4
7
10
Under Voltage Lockout (UVLO)
VCCON
Turn on threshold
10.0
10.5
11.0
VCCOFF
Turn off threshold
9
9.5
10
V
UVLO
Hysteresis
0.8
1.0
1.2
Oscillator
TA = 25°C
61.7
65.0
68.3
fSW
Switching frequency,
kHz
–40
°C ≤ T
A ≤ 125°C
59
65
71
PWM
VCOMP = 0 V, VSENSE = 5 V,
DMIN
Minimum duty cycle
0%
ICOMP = 6.4 V
DMAX
Maximum duty cycle
VSENSE = 4.95 V
94%
97%
99.3%
tOFF(min)
Minimum off time
VSENSE = 3 V, ICOMP = 1 V
100
250
600
ns
System Protection
ISENSE threshold, soft over current
VSOC
-0.66
-0.73
-0.79
(SOC) ,
ISENSE threshold, peak current Limit
VPCL
-1.00
-1.08
-1.15
V
(PCL) ,
VSENSE threshold, open loop
ICOMP = 1 V, ISENSE = 0 V,
VOLP
0.77
0.82
0.86
protection (OLP),
VCOMP = 1 V
Open loop protection (OLP) internal
VSENSE = 0.5 V
100
250
nA
pull-down current
VSENSE threshold, output
VUVD
4.63
4.75
4.87
under-voltage detection (UVD),
VSENSE threshold, output
VOVP
ISENSE = -0.2 V
5.12
5.25
5.38
over-voltage protection (OVP),
V
Input brown-out detection (IBOP)
VINSBROWNOUT_th
0.76
0.82
0.88
high-to-low threshold
Input brown-out Detection (IBOP)
VINSENABLE_th
1.4
1.5
1.6
low-to-high threshold
IVINS_0 V
VINS bias current
VINS = 0 V
0
±0.1
µA
ICOMP threshold, external overload
0.6
V
protection
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC28019


Podobny numer części - UC2853A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853AD TI1-UC2853AD Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADG4 TI1-UC2853ADG4 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADTR TI-UC2853ADTR Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
More results

Podobny opis - UC2853A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A_15 Datasheet
1Mb / 52P
[Old version datasheet]   UCC28019A 8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com