Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA78L05AQDR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części UA78L05AQDR
Szczegółowy opis  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UA78L05AQDR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button UA78L05AQDR Datasheet HTML 5Page - Texas Instruments UA78L05AQDR Datasheet HTML 6Page - Texas Instruments UA78L05AQDR Datasheet HTML 7Page - Texas Instruments UA78L05AQDR Datasheet HTML 8Page - Texas Instruments UA78L05AQDR Datasheet HTML 9Page - Texas Instruments UA78L05AQDR Datasheet HTML 10Page - Texas Instruments UA78L05AQDR Datasheet HTML 11Page - Texas Instruments UA78L05AQDR Datasheet HTML 12Page - Texas Instruments UA78L05AQDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
µA78Lxx
VO
VI
µA78Lxx
VO
VI
-V O
1N4001
or
Equivalent
µA78L15
0.1 µF
1N4001
0.1 µF
1N4001
0.33 µF
0.33 µF
1N4001
1N4001
VO = 15 V
VO = -15 V
20-V Input
-20-V Input
µA79L15
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
Figure 5. Regulated Dual Supply
Operation With a Load Common to a Voltage of Opposite Polarity
In many cases, a regulator powers a load that is not connected to ground, but instead, is connected to a voltage
source of opposite polarity (for example, operational amplifiers, level-shifting circuits, and so on). In these cases,
a clamp diode should be connected to the regulator output as shown in Figure 6. This protects the regulator from
output polarity reversals during startup and short-circuit operation.
Figure 6. Output Polarity-Reversal-Protection Circuit
Reverse-Bias Protection
Occasionally, the input voltage to the regulator can collapse faster than the output voltage. This can occur, for
example, when the input supply is crowbarred during an output overvoltage condition. If the output voltage is
greater than approximately 7 V, the emitter-base junction of the series-pass element (internal or external) could
break down and be damaged. To prevent this, a diode shunt can be employed as shown in Figure 7.
Figure 7. Reverse-Bias-Protection Circuit
Copyright © 1976–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :μA78L00


Podobny numer części - UA78L05AQDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L05AQDR TI-UA78L05AQDR Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AQDR TI-UA78L05AQDR Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AQDR TI-UA78L05AQDR Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AQDR TI-UA78L05AQDR Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AQDR TI-UA78L05AQDR Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA78L05AQDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com