Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA78L05CDG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części UA78L05CDG4
Szczegółowy opis  關A78L00 Series Positive-Voltage Regulators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CDG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UA78L05CDG4 Datasheet HTML 4Page - Texas Instruments UA78L05CDG4 Datasheet HTML 5Page - Texas Instruments UA78L05CDG4 Datasheet HTML 6Page - Texas Instruments UA78L05CDG4 Datasheet HTML 7Page - Texas Instruments UA78L05CDG4 Datasheet HTML 8Page - Texas Instruments UA78L05CDG4 Datasheet HTML 9Page - Texas Instruments UA78L05CDG4 Datasheet HTML 10Page - Texas Instruments UA78L05CDG4 Datasheet HTML 11Page - Texas Instruments UA78L05CDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VO(Reg)
R1
Input
IO
IO = (VO/R1) + IO Bias Current
0.33 µF
µA78Lxx
Output
R1
0.33 µF
Input
Output
µA78Lxx
0.1 µF
IO
R2
OUT
IN
G
-V O
COM
+
-
VI
IL
µA78Lxx
VO
VI
0.1 µF
0.33 µF
µA78Lxx
μA78L00
SLVS010U – JANUARY 1976 – REVISED MAY 2011
www.ti.com
APPLICATION INFORMATION
Figure 1. Fixed-Output Regulator
Figure 2. Positive Regulator in Negative Configuration (VI Must Float)
Figure 3. Adjustable-Output Regulator
Figure 4. Current Regulator
8
Submit Documentation Feedback
Copyright © 1976–2011, Texas Instruments Incorporated
Product Folder Links :μA78L00


Podobny numer części - UA78L05CDG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L05CDG4 TI-UA78L05CDG4 Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDG4 TI-UA78L05CDG4 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L05CDG4 TI-UA78L05CDG4 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDG4 TI-UA78L05CDG4 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05CDG4 TI-UA78L05CDG4 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA78L05CDG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
[Old version datasheet]   關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   關A78xx Fixed Positive Voltage Regulators
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com