Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4487S-AN Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 2SC4487S-AN
Szczegółowy opis  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4487S-AN Arkusz danych(HTML) 1 Page - ON Semiconductor

  2SC4487S-AN Datasheet HTML 1Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 2Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 3Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 4Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 5Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 6Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 7Page - ON Semiconductor 2SC4487S-AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
82912 TKIM TC-00002801/93003TN (KT)/83098HA(KT)/6299MO, TS No.3093-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1707/2SC4487
Bipolar Transistor
(-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single NMP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Adoption of FBET, MBIT processes
Large current capacity, wide ASO
Low collector-to-emitter saturation voltage
Fast switching speed
( )2SA1707
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : EN3093A
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA1707S-AN
2SA1707T-AN
2SC4487S-AN
2SC4487T-AN
A1707
LOT No.
RANK
C4487
LOT No.
RANK
2
1
3
2SC4487
2
1
3
2SA1707


Podobny numer części - 2SC4487S-AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SC4487 SANYO-2SC4487 Datasheet
123Kb / 4P
   High-Current Switching Applications
2SC4487 SANYO-2SC4487 Datasheet
534Kb / 8P
   High-Current Switching Applications
More results

Podobny opis - 2SC4487S-AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com