Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F5N62B Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC87F5N62B
Szczegółowy opis  null8-bit Withstand Voltage Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F5N62B Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC87F5N62B Datasheet HTML 5Page - ON Semiconductor LC87F5N62B Datasheet HTML 6Page - ON Semiconductor LC87F5N62B Datasheet HTML 7Page - ON Semiconductor LC87F5N62B Datasheet HTML 8Page - ON Semiconductor LC87F5N62B Datasheet HTML 9Page - ON Semiconductor LC87F5N62B Datasheet HTML 10Page - ON Semiconductor LC87F5N62B Datasheet HTML 11Page - ON Semiconductor LC87F5N62B Datasheet HTML 12Page - ON Semiconductor LC87F5N62B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LC87F5N62B
No.A1035-9/25
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Other functions
P70: INT0 input/HOLD release input/Timer 0L capture input/Output for watchdog timer
P71: INT1 input/HOLD release input/Timer 0H capture input
P72: INT2 input/HOLD release input/Timer 0 event input/Timer 0L capture input
P73: INT3 input with noise filter/Timer 0 event input/Timer 0H capture input
• Interrupt acknowledge type
No
P70 to P73
Rising
Falling
Rising/
Falling
H level
L level
INT0
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
enable
enable
enable
enable
disable
disable
enable
enable
disable
disable
• AD converter input port: AN8 (P70), AN9 (P71)
Port 8
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Other functions
P80 to P87: AD converter input port
No
P80 to P87
Port A
I/O
• 6-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
Yes
PA0 to PA5
Port B
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
Yes
PB0 to PB7
Port C
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistor can be turned on and off in 1-bit units
• Pin functions
DBGP0 to DBGP2 (PC5 to PC7): On-chip Debugger
Yes
PC0 to PC7
Port E
I/O
• 8-bit I/O port
• I/O specifiable in 2-bit units
• Pull-up resistor can be turned on and off in 1-bit units
No
PE0 to PE7
Port F
I/O
• 8-bit I/O port
• I/O specifiable in 2-bit units
• Pull-up resistor can be turned on and off in 1-bit units
No
PF0 to PF7
SIO2 Port
I/O
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Shared functions:
SI2P0: SIO2 data output
SI2P1: SIO2 data input, bus input/output
SI2P2: SIO2 clock input/output
SI2P3: SIO2 clock output
No
SI2P0 to SI2P3
PWM0, PWM1
O
• PWM0, PWM1 output port
• General-purpose I/O available
No
RES
I
Reset pin
No
XT1
I
• Input terminal for 32.768kHz X'tal oscillation
• Shared functions:
AN10: AD converter input port
General-purpose input port
Must be connected to VDD1 if not to be used.
No
XT2
I/O
• Output terminal for 32.768kHz X'tal oscillation
• Shared functions:
AN11: AD converter input port
General-purpose I/O port
Must be set for oscillation and kept open if not to be used.
No
CF1
I
Ceramic resonator input pin
No
CF2
O
Ceramic resonator output pin
No


Podobny numer części - LC87F5N62B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Podobny opis - LC87F5N62B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   null8-bit Withstand Voltage Microcontroller
March, 2015 ??Rev. P0
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   null8-bit Withstand Voltage Microcontroller
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X_13 Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com