Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F5N62B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LC87F5N62B
Szczegółowy opis  null8-bit Withstand Voltage Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F5N62B Arkusz danych(HTML) 1 Page - ON Semiconductor

  LC87F5N62B Datasheet HTML 1Page - ON Semiconductor LC87F5N62B Datasheet HTML 2Page - ON Semiconductor LC87F5N62B Datasheet HTML 3Page - ON Semiconductor LC87F5N62B Datasheet HTML 4Page - ON Semiconductor LC87F5N62B Datasheet HTML 5Page - ON Semiconductor LC87F5N62B Datasheet HTML 6Page - ON Semiconductor LC87F5N62B Datasheet HTML 7Page - ON Semiconductor LC87F5N62B Datasheet HTML 8Page - ON Semiconductor LC87F5N62B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
31908HKIM 20080117-S00006 No. A1035-1/25
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.00
http://onsemi.com
LC87F5N62B
Overview
The LC87F5N62B is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrate on a single chip a number of hardware features such as 66K-byte flash ROM (onboard rewritable),
2048byte RAM, Onchip debugging function, sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a
16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a prescaler, a
base timer serving as a time-of-day clock, a high-speed clock counter, two synchronous SIO ports (with automatic
block transmission/reception capabilities), an asynchronous/synchronous SIO port, two UART ports (full duplex),
four 12-bit PWM channels, an 8-bit 15-channel AD converter, a system clock frequency divider, and a 29-source 10-
vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programing with wide range, 2.7 to 5.5V, of voltage source
• Block-erase in 128-byte units
• 67584 × 8 bits ( Address: 00000H to 0FFFFH, 1F800H to 1FFFFH)
RAM
• 2048 × 9 bits
Minimum Bus Cycle Time
• 83.3ns (12MHz)
VDD=2.8 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 500ns (2MHz)
VDD=2.2 to 5.5V
Note: Bus cycle time indicates the speed to read ROM.
Ordering number : ENA1035
CMOS IC
FROM 66K byte, RAM 2048 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Podobny numer części - LC87F5N62B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Podobny opis - LC87F5N62B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   null8-bit Withstand Voltage Microcontroller
March, 2015 ??Rev. P0
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   null8-bit Withstand Voltage Microcontroller
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X_13 Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com