Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F1JJ8A Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC87F1JJ8A
Szczegółowy opis  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1JJ8A Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC87F1JJ8A Datasheet HTML 7Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 8Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 9Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 10Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 11Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 12Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 13Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 14Page - ON Semiconductor LC87F1JJ8A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC87F1JJ8A
No.A1455-11/27
USB Reference Power Option
When a voltage 4.5 to 5.5V is supplied to VDD1 and the internal USB reference voltage circuit is activated, the
reference voltage for USB port output is generated. The active/inactive state of the reference voltage circuit can be
switched by optional settings. The procedure for marking the optional settings is described below.
(1)
(2)
(3)
(4)
Option settings
USB regulator
Use
Use
Use
Nonuse
USB regulator in HOLD mode
Use
Nonuse
Nonuse
Nonuse
USB regulator in HALT mode
Use
Nonuse
Use
Nonuse
Reference voltage circuit state
Normal mode
Active
Active
Active
Inactive
HOLD mode
Active
Inactive
Inactive
Inactive
HALT mode
Active
Inactive
Active
Inactive
• When the USB reference voltage circuit is made inactive, the level of the reference voltage for USB port output is
equal to VDD1.
• Selection (2) or (3) can be used to set the reference voltage circuit inactive in HOLD or HALT mode.
• When the reference voltage circuit is activated, the current drain increases by approximately 100μA compared with
when the reference voltage circuit is inactive.
Circuit example 1: When VDD1=VDD2=3.3V
• Inactivating the reference voltage circuit (selection (4)).
• Connecting VDD3 to VDD1 and VDD2.
*1: Needs adjustment on target board.
Circuit example 2: When VDD1=VDD2=5.0V
• Activating the reference voltage circuit (selection (1)).
• Isolating VDD3 from VDD1 and VDD2, and connecting capacitor between VDD3 and VSS.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power supply
3.3V
LSI
UHD+
UHD-
UFILT
15k
Ω
To USB connector
33
Ω
5pF
0
Ω
2.2
μF
2.2
μF
*1
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power supply
5V
LSI
UHD+
UHD-
UFILT
0
Ω
2.2
μF
15k
Ω
To USB connector
33
Ω
5pF
2.2
μF
0.1
μF


Podobny numer części - LC87F1JJ8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results

Podobny opis - LC87F1JJ8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com