Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC823430TA Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC823430TA
Szczegółowy opis  Audio Processing System LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823430TA Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC823430TA Datasheet HTML 7Page - ON Semiconductor LC823430TA Datasheet HTML 8Page - ON Semiconductor LC823430TA Datasheet HTML 9Page - ON Semiconductor LC823430TA Datasheet HTML 10Page - ON Semiconductor LC823430TA Datasheet HTML 11Page - ON Semiconductor LC823430TA Datasheet HTML 12Page - ON Semiconductor LC823430TA Datasheet HTML 13Page - ON Semiconductor LC823430TA Datasheet HTML 14Page - ON Semiconductor LC823430TA Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC823430TA
No.A2171-11/20
Pin Functions
 JTAG
Pin name
Pol.
Type
Description
Num.
JTDO/
P1C
-/
-
O/
B
JTAG test data output/
General purpose port
1
JTDI/
P1D
-/
-
I/
B
JTAG test data input/
General purpose port.
The input level of the terminal JTDI is taken by rising edge of the terminal
NRES.
The value can be read as a register, and can be used as the operation mode
setting.
1
JTMS/
P1E
-/
-
I/
B
JTAG test mode selection/
General purpose port
The input level of the terminal JTMS is taken by rising edge of the terminal
NRES.
The value can be read as a register, and can be used as the operation mode
setting.
1
JTCK/
P1F
Pos/
-
I/
B
JTAG test clock/
General purpose port
1
Total
4
 RTC
Pin name
Pol.
Type
Description
Num.
XIN32K
Pos
I
32.768kHz oscillation amplifier input (XT1)
1
XOUT32K
-
O
32.768kHz oscillation amplifier output (XT1)
1
VDET
(RTCRSTB)
Neg
Neg
I
I
Power supply watch comparison input
There is an optional bonding as RTC reset input.
1
RTCINT
(PWRON)
Neg
-
O
O
RTC interrupt output
(Normal: Hi-z, the interrupt generation: Low output).
There is an optional bonding as main power supply ON/OFF control.
1
BACKUPB
(LINEFIXB)
Neg
Neg
I
I
RTC operation mode selection
There is an optional bonding as RTC isolator cutting and the connection.
1
VDDRTC
-
P
RTC block power supply.
1
VSSRTC
-
P
RTC ground pin.
1
Total
7


Podobny numer części - LC823430TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823433TAK-2H ONSEMI-LC823433TAK-2H Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results

Podobny opis - LC823430TA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com