Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4282 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LA4282
Szczegółowy opis  8-bit Withstand Voltage Microcontroller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4282 Arkusz danych(HTML) 7 Page - ON Semiconductor

  LA4282 Datasheet HTML 1Page - ON Semiconductor LA4282 Datasheet HTML 2Page - ON Semiconductor LA4282 Datasheet HTML 3Page - ON Semiconductor LA4282 Datasheet HTML 4Page - ON Semiconductor LA4282 Datasheet HTML 5Page - ON Semiconductor LA4282 Datasheet HTML 6Page - ON Semiconductor LA4282 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LA4282
www.onsemi.com
7
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States
and/or other countries. SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of
SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf . SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose,
nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can
and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was
negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject toall
applicable copyright laws and is not for resale in any manner.
0
10203040
50
VRO -- VCC
Supply voltage, VCC -- V
JK428220
VR = 0.775Vrms (0dBm)
0.245Vrms (
−10dBm)
10
1.0
100
2
3
5
2
3
5
2
3
5
10
25
32
5
32
5
32
5
3
100
1k
10k
100k
CT -- f
Frequency, f -- Hz
JK428221
10
20
30
40
50
60
80
70
0
Rg = 10k
Ω
fR = 100Hz
CH1  CH2
CH2 CH1
VCC = 32V
RL = 8Ω
Rg = 10kΩ
VO = 0dBm


Podobny numer części - LA4282

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
More results

Podobny opis - LA4282

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   null8-bit Withstand Voltage Microcontroller
May, 2013 Ver.1.00
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   null8-bit Withstand Voltage Microcontroller
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
2SK4125 ONSEMI-2SK4125 Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   null8-bit Withstand Voltage Microcontroller
March, 2015 ??Rev. P0
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com