Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1408-8D Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC1408-8D
Szczegółowy opis  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8D Arkusz danych(HTML) 8 Page - ON Semiconductor

  MC1408-8D Datasheet HTML 1Page - ON Semiconductor MC1408-8D Datasheet HTML 2Page - ON Semiconductor MC1408-8D Datasheet HTML 3Page - ON Semiconductor MC1408-8D Datasheet HTML 4Page - ON Semiconductor MC1408-8D Datasheet HTML 5Page - ON Semiconductor MC1408-8D Datasheet HTML 6Page - ON Semiconductor MC1408-8D Datasheet HTML 7Page - ON Semiconductor MC1408-8D Datasheet HTML 8Page - ON Semiconductor MC1408-8D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC1408−8
http://onsemi.com
8
2.0mA
5
6
7
8
9
10
11
12
3
13
14
15
1
2
4
16
VCC
SCOPE
RL = 50W
VREF
MC1408
VEE
15pF
SLEWING TIME
10%
90%
0
dI
dt +
I
R
L
dV
dt
Figure 8. Reference Current Slew Rate Measurement
1k
W
1k
W
ORDERING INFORMATION
Device
Temperature Range
Package
Shipping
MC1408−8D
0
°C to +70°C
SOIC−16
48 Units/Rail
MC1408−8DG
SOIC−16
(Pb−Free)
MC1408−8DR2
SOIC−16
2500 Tape and Reel
MC1408−8DR2G
SOIC−16
(Pb−Free)
MC1408−8N
PDIP−16
25 Units/Rail
MC1408−8NG
PDIP−16
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC1408-8D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC1408-8D PHILIPS-MC1408-8D Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8D PHILIPS-MC1408-8D Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

Podobny opis - MC1408-8D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com