Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1408-8NG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC1408-8NG
Szczegółowy opis  8?뭕it Multiplying D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1408-8NG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC1408-8NG Datasheet HTML 1Page - ON Semiconductor MC1408-8NG Datasheet HTML 2Page - ON Semiconductor MC1408-8NG Datasheet HTML 3Page - ON Semiconductor MC1408-8NG Datasheet HTML 4Page - ON Semiconductor MC1408-8NG Datasheet HTML 5Page - ON Semiconductor MC1408-8NG Datasheet HTML 6Page - ON Semiconductor MC1408-8NG Datasheet HTML 7Page - ON Semiconductor MC1408-8NG Datasheet HTML 8Page - ON Semiconductor MC1408-8NG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 2
1
Publication Order Number:
MC1408−8/D
MC1408−8
8−bit Multiplying D/A
Converter
The MC1408−8 is an 8−bit monolithic digital−to−analog converter
which provides high−speed performance with low cost. It is designed
for use where the output current is a linear product of an 8−bit digital
word and an analog reference voltage.
Features
Fast Settling Time: 70 ns (typ)
Relative Accuracy ±0.19% (max error)
Non−inverting Digital Inputs are TTL and CMOS Compatible
High−speed Multiplying Rate 4.0 mA/ms (Input Slew)
Output Voltage Swing +0.5 V to −5.0 V
Standard Supply Voltages +5.0 V and −5.0 V to −15 V
Pb−Free Packages are Available*
Applications
Tracking A−to−D Converters
2 1/2−Digit Panel Meters and DVMs
Waveform Synthesis
Sample−and−Hold
Peak Detector
Programmable Gain and Attenuation
CRT Character Generation
Audio Digitizing and Decoding
Programmable Power Supplies
Analog−Digital Multiplication
Digital−Digital Multiplication
Analog−Digital Division
Digital Addition and Subtraction
Speech Compression and Expansion
Stepping Motor Drive Modems
Servo Motor and Pen Drivers
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN CONNECTIONS
SOIC−16
D SUFFIX
CASE 751B
PDIP−16
N SUFFIX
CASE 648
N Package
D Package*
NC
GND
VEE
COMPEN
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
VREF(−)
IO
MSB A1
A2
A3
A4
VREF(+)
VCC
A8 LSB
A7
A6
A5
A1 MSB
A2
A3
A4
A8 LSB
A7
A6
A5
VREF(−)
VREF(+)
COMPEN
NC
GND
VEE
IO
VCC
*SO and non−standard pinouts.
1
MARKING DIAGRAMS
16
1
MC1408−8N
AWLYYWWG
MC1408−8DG
AWLYWW
A
= Assembly Location
WL
= Wafer Lot
YY, Y = Year
WW
= Work Week
G
= Pb−Free Package
1
16
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Podobny numer części - MC1408-8NG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC1408-8N PHILIPS-MC1408-8N Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
MC1408-8N PHILIPS-MC1408-8N Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
More results

Podobny opis - MC1408-8NG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Unisonic Technologies
M62364 UTC-M62364_15 Datasheet
229Kb / 8P
   8-BIT 8-CH MULTIPLYING D-A CONVERTER
logo
Analog Devices
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
   8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
logo
Advanced Linear Devices
ALD1801A ALD-ALD1801A Datasheet
50Kb / 6P
   8 BIT MICROPOWER MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Analog Devices
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com