Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSAFA1N100P3 Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części MSAFA1N100P3
Szczegółowy opis  N-Channel enhancement mode high density
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAFA1N100P3 Arkusz danych(HTML) 1 Page - Microsemi Corporation

  MSAFA1N100P3 Datasheet HTML 1Page - Microsemi Corporation MSAFA1N100P3 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.MICROSEMI.com
Santa Ana Division
Data Sheet # MSC
Updated: December 1999
2830 south Fairview Street, Santa Ana, CA 92704 USA (714)979.8220 FAX (714)557.5989
MSAFA1N100P3
Maximum Ratings
Features
Low On-State resistance
Avalanche and Surge Rated
High Frequency Switching
Ultra low Leakage Current
UIS rated
Available with Lot Acceptance Testing “L” Suffix
Available with “J” leads
Applications
Implantable Cardio Defibrillator
MOSFET Device
1 Amp
1000 V
N-Channel
enhancement mode high
density
Static Electrical Characteristics
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain - Source Voltage
1000
Volts
VGS
Gate - Source Voltage
±20
Volts
ID1
Continuous Drain Current @ TC = 25
1
Amps
ID2
Continuous Drain Current @ TC = 100
0.8
Amps
IDM1
Pulsed Drain Current
4
Amps
IAR
Avalanche Current
1
Amps
EAR
Repetitive Avalanche Energy
TBD
mJ
EAS
Single Pulse Avalanche Energy
TBD
mJ
TJ, TSTG
Operating and Storage: Junction Temperature Range
-55 to 150
C
SYMBOL
CHARACTERISTIC / TEST CONDITIONS
MIN
TYP
MAX UNIT
BVDSS
Drain - Source Breakdown Voltage (VGS = 0V, ID = 0.25mA)
1000
Volts
VGS(TH)2
Gate Threshold Voltage (VGS= VDS, ID = 1 mA, TJ = 37C)
3.4
Volts
VGS(TH)1
Gate Threshold Voltage (VGS= VDS, ID = 1 mA, TJ = 25C)
2
3.5
4.5
Volts
RDS(ON)1
Drain – Source On-State Resistance (VGS = 10V, ID = ID1, TJ = 25C)
12.5
13.5
ohm
RDS(ON)2
Drain – Source On-State Resistance (VGS = 7V, ID = 5…150 mA, TJ= 37C)
12.5
ohm
RDS(ON)3
Drain – Source On-State Resistance (VGS = 7V, ID = 5…150 mA, TJ= 25C)
11.5
14
ohm
RDS(ON)4
Drain – Source On-State Resistance (VGS = 7V, ID = 5…150 mA, TJ= 60C)
15
ohm
RDS(ON)5
Drain – Source On-State Resistance (VGS = 7V, ID = ID1, TJ = 125C)
23.5
ohm
IDSS1
Zero Gate Voltage Drain Current (VDS = 80%BVDSS, VGS = 0V, TJ = 25C)
10
uA
IDSS2
Zero Gate Voltage Drain Current (VDS = 80%BVDSS, VGS = 0V, TJ = 37C)
1
uA
IDSS3
Zero Gate Voltage Drain Current (VDS = 80%BVDSS, VGS = 0V, TJ = 125C)
100
uA
IGSS1
Gate-Source Leakage Current (VGS = ±20V, VCE =0V)
±100
nA
IGSS2
Gate-Source Leakage Current (VGS= ±20V VCE =0V), Tj= 37C
10
nA
IGSS3
Gate-Source Leakage Current (VGS= ±20V VCE =0V), Tj= 125C
500
nA
Testing and Screening (per lot)
100% Testing at 25C, DC parameters
Sample Test (22/0), AC, Hot and Cold Parameters (min/max limits)


Podobny numer części - MSAFA1N100P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA1N100D MICROSEMI-MSAFA1N100D Datasheet
78Kb / 3P
   Fast MOSFET Die for Implantable Cardio Defibrillator Applications
MSAFA1N100D MICROSEMI-MSAFA1N100D Datasheet
225Kb / 3P
   Fast MOSFET Die for Implantable Cardio Defibrillator Applications
MSAFA1N100D MICROSEMI-MSAFA1N100D_01 Datasheet
225Kb / 3P
   Fast MOSFET Die for Implantable Cardio Defibrillator Applications
More results

Podobny opis - MSAFA1N100P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP80N06-10 STMICROELECTRONICS-STP80N06-10 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP40N03L-20 STMICROELECTRONICS-STP40N03L-20 Datasheet
65Kb / 7P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
STP38N06 STMICROELECTRONICS-STP38N06 Datasheet
134Kb / 11P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
STW80N06-10 STMICROELECTRONICS-STW80N06-10 Datasheet
57Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STD20N06 STMICROELECTRONICS-STD20N06 Datasheet
174Kb / 10P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
STP80N03L-06 STMICROELECTRONICS-STP80N03L-06 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
STP80N05-09 STMICROELECTRONICS-STP80N05-09 Datasheet
114Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com