Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5007 Arkusz danych(PDF) 10 Page - Nippon Precision Circuits Inc

Numer części SM5007
Szczegółowy opis  Crystal Oscillator Module ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5007 Arkusz danych(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5007 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5007 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SM5007 series
NIPPON PRECISION CIRCUITS—10
Load cct 1
Switching Time Measurement Waveform
Output duty level (CMOS)
Output duty cycle (CMOS)
Output Enable/Disable Delay
The following figure shows the oscillator timing during normal operation. Note that when the device is in
standby, the oscillator stops. When standby is released, the oscillator starts and stable oscillator output occurs
after a short delay.
C L = 15pF : IDD , DUTY, tr , tf
Q output
CL
(Including probe capacitance)
0.9VDD
0.1VDD
0.9VDD
0.1VDD
tr
tf
Q output
DUTY measurement
voltage (0.5VDD
)
TW
DUTY measurement
voltage
(0.5VDD)
Q output
TW
T
DUTY= TW/ T
100 (%)
Q output
INH
VIH
VIL
tPLZ
tPZL
INH input waveform
tr = tf 10ns


Podobny numer części - SM5007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
SM5007C SILICONMITUS-SM5007C Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
SM5007H SILICONMITUS-SM5007H Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
SM5007M SILICONMITUS-SM5007M Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
More results

Podobny opis - SM5007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com