Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148 Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części 1N4148
Szczegółowy opis  Small-Signal Diode Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4148 Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  1N4148_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 3Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
625
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RV
R
)
R
B
(
I
R
0
0
1
=
uA0
0
1s
t
l
o
V
e
g
a
t
l
o
v
d
r
a
w
r
o
FV
F
I
F
A
m
0
1
=-
-
0
.
1t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
LI
R
V
R
V
0
2
=
V
R
V
5
7
=
V
R
T
,
V
0
2
=
J
0
5
1
=
OC
-
-
-
-
-
-
5
2
0
.
5
0
5
nA
uA
uA
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
F
V
=
R
V
0
=-
-
0
.
4
pF
N
O
g
n
i
h
c
t
i
w
s
n
e
h
w
e
s
i
r
e
g
a
t
l
o
V
)
s
e
s
l
u
p
A
m
0
5
h
t
i
w
d
e
t
s
e
t
(
V
r
f
0
3
<
e
m
i
t
e
s
i
R
,
s
1
.
0
=
p
t
ns
z
H
k
0
0
1
o
t
5
=
p
f
--
5
.
2
ns
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
,
A
m
0
1
=
R
A
m
1
=
V
R
R
,
V
6
=
L
0
0
1
=
--
0
.
4
ns
y
c
n
e
i
c
i
f
f
e
n
o
i
t
a
c
i
f
i
t
c
e
R
ν
η
V
,
z
H
M
0
0
1
=
f
F
R
V
2
=5
4
.
0-
-
-


Podobny numer części - 1N4148_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN YONGERJIA INDU...
1N4148 WINNERJOIN-1N4148_15 Datasheet
134Kb / 3P
   High-speed switching diode
logo
Rugao Dachang Electroni...
1N4148 DACHANG-1N4148_15 Datasheet
130Kb / 2P
   Switching Diodes
logo
Unisonic Technologies
1N4148 UTC-1N4148_15 Datasheet
298Kb / 4P
   HIGH-SPEED SWITCHING DIODE
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
   Ultrafast Recovery Rectifier Diodes
More results

Podobny opis - 1N4148_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
1N914 GOOD-ARK-1N914_15 Datasheet
64Kb / 1P
   Small-Signal Diode Fast Switching Diode
1N4151 GOOD-ARK-1N4151 Datasheet
170Kb / 3P
   Small-Signal Diode Fast Switching Diode
1N4454 GOOD-ARK-1N4454_15 Datasheet
164Kb / 2P
   Small-Signal Diode Fast Switching Diode
1N4151 GOOD-ARK-1N4151_15 Datasheet
171Kb / 3P
   Small-Signal Diode Fast Switching Diode
LL4150 GOOD-ARK-LL4150 Datasheet
55Kb / 1P
   Small-Signal Diode Fast Switching Diode
1N4150 GOOD-ARK-1N4150_15 Datasheet
59Kb / 1P
   Small-Signal Diode Fast Switching Diode
LL4151 GOOD-ARK-LL4151 Datasheet
163Kb / 3P
   Small-Signal Diode Fast Switching Diode
logo
Vishay Siliconix
1N4151W VISHAY-1N4151W Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 08-May-13
1N4448WS-G VISHAY-1N4448WS-G Datasheet
90Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.2, 14-Oct-16
BAS16D-G VISHAY-BAS16D-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0, 13-May-13
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com