Zakładka z wyszukiwarką danych komponentów |
|
SM5010 Arkusz danych(PDF) 9 Page - Nippon Precision Circuits Inc |
|
SM5010 Arkusz danych(HTML) 9 Page - Nippon Precision Circuits Inc |
9 / 14 page SM5010 series NIPPON PRECISION CIRCUITS—9 5010 ×H× series 3 V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −10 to 70 °C unless otherwise noted. 5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted. P arameter Symbol Condition Rating Unit min typ m a x Output rise time tr1 Measurement cct 6, load cct 2, CL = 15 pF, 0.1VDD to 0.9VDD –1 5 3 0 ns Output fall time tf1 Measurement cct 6, load cct 2, CL = 15 pF, 0.9VDD to 0.1VDD –1 5 3 0 ns Output duty cycle1 1. Deter mined by the lot monitor. Duty Measurement cct 6, load cct 2, V DD = 3.0 V, Ta = 25 °C, C L = 15 pF, f = 16MHz 4 0–6 0 % Output disable delay time tPLZ Measurement cct 7, load cct 2, V DD = 3.0 V, Ta = 25 °C, C L = 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns P arameter S y m b o l Condition Rating Unit min typ m a x Output rise time tr2 Measurement cct 6, load cct 2, 0.1VDD to 0.9VDD C L = 15 pF – 5 1 0 ns tr3 C L = 50 pF – 1 3 2 6 Output fall time tf2 Measurement cct 6, load cct 2, 0.9VDD to 0.1VDD C L = 15 pF – 5 1 0 ns tf3 C L = 50 pF – 1 3 2 6 Output duty cycle1 1. Deter mined by the lot monitor. Duty Measurement cct 6, load cct 2, V DD = 5.0 V, Ta = 25 °C, C L = 15 pF, f = 30MHz 4 5–5 5 % Output disable delay time tPLZ Measurement cct 7, load cct 2, V DD = 5.0 V, Ta = 25 °C, C L = 15 pF – – 100 ns Output enable delay time tPZL – – 100 ns |
Podobny numer części - SM5010 |
|
Podobny opis - SM5010 |