Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC717A10PJ Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC717A10PJ
Szczegółowy opis  Capacitance-Digital-Converter LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A10PJ Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC717A10PJ Datasheet HTML 1Page - ON Semiconductor LC717A10PJ Datasheet HTML 2Page - ON Semiconductor LC717A10PJ Datasheet HTML 3Page - ON Semiconductor LC717A10PJ Datasheet HTML 4Page - ON Semiconductor LC717A10PJ Datasheet HTML 5Page - ON Semiconductor LC717A10PJ Datasheet HTML 6Page - ON Semiconductor LC717A10PJ Datasheet HTML 7Page - ON Semiconductor LC717A10PJ Datasheet HTML 8Page - ON Semiconductor LC717A10PJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LC717A10PJ
No.A2214-4/14
I
2C Compatible Bus Timing Characteristics at VSS = 0, VDD = 2.6 to 5.5V, Ta = -40 to +105C
*Not tested at low temperature before shipment
Parameter
Symbol
Pin Name
Conditions
min
typ
max
Unit
Remarks
SCL clock frequency
fSCL
SCL
400
kHz
START condition hold time
tHD;STA
SCL
SDA
0.6
s
SCL clock low period
tLOW
SCL
1.3
s
SCL clock high period
tHIGH
SCL
0.6
s
Repeated
START
condition
setup time
tSU;STA
SCL
SDA
0.6
s
*1
Data hold time
tHD;DAT
SCL
SDA
00.9
s
Data setup time
tSU;DAT
SCL
SDA
500
ns
100
ns
*1
SDA, SCL rise/fall time
tr / tf
SCL
SDA
300
ns
*1
STOP condition setup time
tSU;STO
SCL
SDA
0.6
s
STOP-to-START bus release
time
tBUF
SCL
SDA
2.5
s
1.3
s
*1
*1) Design guarantee values (not tested before shipment)


Podobny numer części - LC717A10PJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
LC717A10PJ-AH ONSEMI-LC717A10PJ-AH Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results

Podobny opis - LC717A10PJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com