Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC786800E-H Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LC786800E-H
Szczegółowy opis  Compressed Audio signal Processor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786800E-H Arkusz danych(HTML) 1 Page - ON Semiconductor

  LC786800E-H Datasheet HTML 1Page - ON Semiconductor LC786800E-H Datasheet HTML 2Page - ON Semiconductor LC786800E-H Datasheet HTML 3Page - ON Semiconductor LC786800E-H Datasheet HTML 4Page - ON Semiconductor LC786800E-H Datasheet HTML 5Page - ON Semiconductor LC786800E-H Datasheet HTML 6Page - ON Semiconductor LC786800E-H Datasheet HTML 7Page - ON Semiconductor LC786800E-H Datasheet HTML 8Page - ON Semiconductor LC786800E-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
91113HK/80112HKPC 20120531-S00005 No.A2082-1/26
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
Ver. 1.0.0
LC786800E
Overview
The LC786800E integrates ARM7TDMI-S™, USB host processing, SD memory card host processing, Compressed
audio encode/decode processing, Audio signal processing, Electronic volume and a flash memory which stores the
program for ARM7TDMI-S™ and the various data. The sophisticated programs in the flash memory for the USB
host processing or for the SD memory card processing or Electronic Volume control processing, etc. make the load of
external main micro controller to be light and are very useful to develop a much features/high performance audio
player system with less development burden.
Features
 USB host function (Full speed as 12Mbps), SD memory card host function
 MP3*, WMA*, AAC* decoder processing and normal speed MP3* encoder processing of external input with
Sampling rate convertor and High frequency compensation filter
 Various Audio processing functions such as original Surround(AViSS®), seven band Equalizer, etc.
Continued to the next page.
Ordering number : ENA2082
is a registered trademark of ARM Limited.
* MP3(MPEG Layer-3 Audio Coding)
MPEG Layer-3 audio coding technology licensed from Fraunhofer IIS and Thomson.
Supply of this product does not convey license nor imply any right to distribute content created with this product in revenue-generating
broadcast systems (terrestrial, satellite, cable and/or other distribution channels), streaming applications (via Internet, intranets and/or
networks), other content distribution systems (pay-audio or audio-on-demand applications and the like) or on physical media (compact discs,
digital versatile discs, semiconductor chips, hard drives, memory cards and the like). An independent license for such use is required. For
details, please visit http://mp3licensing.com/.
Supply of this product does not convey license under the relevant intellectual property of Thomson and/or Fraunhofer Gesellschaft nor imply
any right to use this product in any finished end user or ready-to-use final product. An independent license for such useis required.
For details, please visit http://mp3licensing.com/.
* Windows Media Audio
Windows Media
TM is a trademark and a registered trademark in the United States and other countries of United States Microsoft Corporation.
* AAC
Advanced Audio Coding
* This product is licensed from Silicon Storage Technology, Inc. (USA).
* AViSS is a registered trademark of Semiconductor Components Industries, LLC.
Ordering number : ENA2082A
CMOS LSI
Compressed Audio signal Processor IC
with USB host controller
QIP100E(14X20)
ORDERING INFORMATION
See detailed ordering and shipping information on page 26 of this data sheet.


Podobny numer części - LC786800E-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
More results

Podobny opis - LC786800E-H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com