Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC786960E Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC786960E
Szczegółowy opis  Compact Disc Player IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786960E Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC786960E Datasheet HTML 1Page - ON Semiconductor LC786960E Datasheet HTML 2Page - ON Semiconductor LC786960E Datasheet HTML 3Page - ON Semiconductor LC786960E Datasheet HTML 4Page - ON Semiconductor LC786960E Datasheet HTML 5Page - ON Semiconductor LC786960E Datasheet HTML 6Page - ON Semiconductor LC786960E Datasheet HTML 7Page - ON Semiconductor LC786960E Datasheet HTML 8Page - ON Semiconductor LC786960E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LC786960E
No.A2080-4/24
Specifications
Absolute Maximum Ratings
at Ta = 25
C, DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
-0.3 to +3.95
V
Input voltage 1
VIN1
Input pins other than VIN2
-0.3 to DVDD+0.3
V
Input voltage 2
VIN2
RESB, SIFCK, SIFDI, SIFDO,
SIFCE, BUSYB, GP03, GP04,
GP05, GP06, GP07, GP10,
GP11, GP12, JTRSTB, JTCK,
JTDI, JTMS
-0.3 to +5.6
V
Output voltage
VOUT
-0.3 to DVDD+0.3
V
Allowable power dissipation
Pd max
Ta
 85C
Mounted reference PCB (*)
519
mW
Operating temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-40 to +125
C
(*)Reference PCB: 114.3mm×76.1mm×1.6mm, glass epoxy resin
Allowable Operating Ranges
at Ta = -40 to +85
C,
DVSS = AVSS = LRVSS = XVSS1 = XVSS2 = VVSS1 = VVSS2 = 0V
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Supply voltage
VDD1
DVDD, AVDD, LRVDD, XVDD1,
XVDD2, UVDD, VVDD1, VVDD2,
VVDD3
3.00
3.60
V
High-level input voltage
VIH(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
2.00
5.50
V
VIH(2)
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53
Schmitt
2.00
VDD1V
Low-level input voltage
VIL(1)
RESB, SIFCK, SIFDI,
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
JTMS, JTRSTB, JTCK, JTDI
Schmitt
0
0.80
V
VIL(2)
GP13, GP30, GP31, GP32,
GP33, GP34, GP35, GP36,
GP37, GP43, GP44, GP45,
GP50, GP51, GP52, GP53,
MODE0, MODE1, MODE2
Schmitt
0
0.80
V
Crystal oscillator frequency
FX1
XIN
Oscillator circuit
12.0
MHz
XOUT
FX2
X16IN
Oscillator circuit
16.9344
MHz
X16OUT
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - LC786960E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
More results

Podobny opis - LC786960E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com