Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11696V-TRM-E Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części LB11696V-TRM-E
Szczegółowy opis  Direct PWM Drive Brushless Motor Predriver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V-TRM-E Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button LB11696V-TRM-E Datasheet HTML 4Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 9Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 10Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 11Page - ON Semiconductor LB11696V-TRM-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Page. 8
LB11696V
Pin No. Pin Name
Pin Description
Equivalent circuit
23
PWM
IN
PWM pulse input
A low-level input specifies the output drive state, and a
high-level or open input specifies the output off state.
When this pin is used for control, the TOC pin voltage
must be set to a control amplifier input that results in a
100% duty.
VREG
50 kΩ
3.5 kΩ
23
24
F/R
Forward/reverse input
VREG
50 kΩ
3.5 kΩ
24
25
HP
Hall signal output (This is an open-collector output)
One of four output types is selected by the N1 and N2 pin
settings.
VREG
25
Continued from preceding page.
Continued on next page.
22
S/S
Start/Stop input
A low-level input sets the IC to start mode, and a high-
level input sets it to stop mode.
VREG
3.5 kΩ
22
21
CSD
Constraint protection circuit operating time setting
Insert a capacitor between this pin and ground.
This pin must be connected to ground if the constraint
protection circuit is not used.
VREG
300 Ω
21


Podobny numer części - LB11696V-TRM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V-TRM-E ONSEMI-LB11696V-TRM-E Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results

Podobny opis - LB11696V-TRM-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com