Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898201RA-NH Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC898201RA-NH
Szczegółowy opis  Iris/Zoom/Focus/ Day-Night switching Drive Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898201RA-NH Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC898201RA-NH Datasheet HTML 7Page - ON Semiconductor LC898201RA-NH Datasheet HTML 8Page - ON Semiconductor LC898201RA-NH Datasheet HTML 9Page - ON Semiconductor LC898201RA-NH Datasheet HTML 10Page - ON Semiconductor LC898201RA-NH Datasheet HTML 11Page - ON Semiconductor LC898201RA-NH Datasheet HTML 12Page - ON Semiconductor LC898201RA-NH Datasheet HTML 13Page - ON Semiconductor LC898201RA-NH Datasheet HTML 14Page - ON Semiconductor LC898201RA-NH Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LC898201
No.A2319-11/16
GH
J
K
AB
C
D
E
F
OUT4B OUT3B OUT1B OUT2B PGND
PGND
VM
VM
1
PGND
PGND OUT6B OUT5B
2VM
VM
DAOP
VDD
3MON
OUT6A OUT5A
4DVDD
DVSS
OUT4A OUT3A OUT1A OUT2A
OUT7B
OPINM3
OUT7A
5
MISO
BUSY
MOSI
OPINM6
OPINP6
6
SSB
ZRESET SCLK
OPINM1
OPINP
7A
OPINM
7A
BIASO6
DAOP
VSS
OPINP
7B
7CLKO2
XTAL
8
CLKO1
XTALCK VSYNC1
PIS1
DVDD
ADIN1
OPINM
7B
10
DVDD VSYNC2
PIS2
ADIN7B
9
DVSS
ADVRL ADVRH
DVSS
ADVSS ADVDD
ADPI
IN1
ADPI
IN2
ADIN7A
ADIN6
<TOP VIEW> FBGA64(6.0X6.0)


Podobny numer części - LC898201RA-NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
logo
ON Semiconductor
LC898212XA ONSEMI-LC898212XA Datasheet
58Kb / 5P
   AF Control LSI
June, 2013
LC898212XC ONSEMI-LC898212XC Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XC-MH ONSEMI-LC898212XC-MH Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898212XD ONSEMI-LC898212XD Datasheet
168Kb / 4P
   AF Controller
November, 2013
More results

Podobny opis - LC898201RA-NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
FCS-5044 LVL1-FCS-5044 Datasheet
152Kb / 4P
   PTZ Network Camera, 2-Megapixel, 10x Optical Zoom, 802.3at PoE, Day & Night, WDR, Outdoor
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
   5~50mm Vari-Focal Day/Night Lens
logo
American Accurate Compo...
RIRC-C1-50A AAC-RIRC-C1-50A Datasheet
87Kb / 1P
   Auto Focus/Auto Iris Infrared LED Camera
logo
Moxa Inc.
06EC-2V MOXA-06EC-2V Datasheet
658Kb / 6P
   EN 50155, 1080p resolution, day & night outdoor IP cameras
logo
List of Unclassifed Man...
AXISP33 ETC2-AXISP33 Datasheet
750Kb / 4P
   Fixed domes for any environment with remote focus and zoom.
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
   5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
logo
ON Semiconductor
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com