Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT393A Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC74VHCT393A
Szczegółowy opis  Dual 4?묪it Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT393A Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC74VHCT393A Datasheet HTML 1Page - ON Semiconductor MC74VHCT393A Datasheet HTML 2Page - ON Semiconductor MC74VHCT393A Datasheet HTML 3Page - ON Semiconductor MC74VHCT393A Datasheet HTML 4Page - ON Semiconductor MC74VHCT393A Datasheet HTML 5Page - ON Semiconductor MC74VHCT393A Datasheet HTML 6Page - ON Semiconductor MC74VHCT393A Datasheet HTML 7Page - ON Semiconductor MC74VHCT393A Datasheet HTML 8Page - ON Semiconductor MC74VHCT393A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74VHCT393A
http://onsemi.com
3
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
VIN
DC Input Voltage
– 0.5 to + 7.0
V
VOUT
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
− 20
mA
IOK
Output Diode Current
± 20
mA
IOUT
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 75
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may
adversely affect device reliability. Functional operation under absolute−maximum−rated
conditions is not implied.
†Derating — SOIC Packages: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
VCC
V
TA
Operating Temperature
− 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 5.0 V ± 0.5 V
0
20
ns/V
The qJA of the package is equal to 1/Derating. Higher junction temperatures may affect the expected lifetime of the device per the table and
figure below.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 1. Failure Rate vs. Time
Junction Temperature
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Podobny numer części - MC74VHCT393A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32AD ONSEMI-MC74VHCT32AD Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Podobny opis - MC74VHCT393A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
ON Semiconductor
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com