Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT393ADR2 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC74VHCT393ADR2
Szczegółowy opis  Dual 4?묪it Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT393ADR2 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC74VHCT393ADR2 Datasheet HTML 1Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 2Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 3Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 4Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 5Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 6Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 7Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 8Page - ON Semiconductor MC74VHCT393ADR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74VHCT393A
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Unit
TA = ≤ 125°C
TA = ≤ 85°C
TA = 25°C
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Min
Max
Typ
Min
Test Conditions
Parameter
Symbol
tPHL
Maximum
Propagation Delay,
RD to QN
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
7.9
10.4
12.3
15.8
1.0
1.0
14.5
18.0
1.0
1.0
14.5
18.0
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.4
6.9
8.1
10.1
1.0
1.0
9.5
11.5
1.0
1.0
9.5
11.5
ns
tOSLH,
tOSHL
Output to Output
Skew
VCC = 3.3 ± 0.3 V
CL = 50pF
(Note 1)
1.5
1.5
1.5
pF
VCC = 5.0 ± 0.5 V
CL = 50pF
(Note 1)
1.0
1.0
1.0
pF
CIN
Maximum Input
Capacitance
4
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25°C, VCC = 5.0V
pF
23
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.5
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.5
− 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Unit
Typ
Limit
Limit
Limit
tw
Minimum Pulse Width, CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, RD
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
5.0
5.0
5.0
5.0
5.0
5.0
ns
trec
Minimum Recovery Time, RD to CP
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
5.0
4.0
5.0
4.0
5.0
4.0
ns
tr, tf
Minimum Input Rise and Fall Times
VCC = 3.3 ± 0.3 V
VCC = 5.0 ± 0.5 V
330
100
330
100
330
100
ns


Podobny numer części - MC74VHCT393ADR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32AD ONSEMI-MC74VHCT32AD Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Podobny opis - MC74VHCT393ADR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
ON Semiconductor
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com