Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT393ADTR2 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC74VHCT393ADTR2
Szczegółowy opis  Dual 4?묪it Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT393ADTR2 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC74VHCT393ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74VHCT393ADTR2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 1
1
Publication Order Number:
MC74VHCT393A/D
MC74VHCT393A
Advance Information
Dual 4−Bit Binary Ripple
Counter
The MC74VHCT393A is an advanced high speed CMOS dual 4−bit
binary ripple counter fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
This device consists of two independent 4−bit binary ripple counters
with parallel outputs from each counter stage. A ÷256 counter can be
obtained by cascading the two binary counters.
Internal flip−flops are triggered by high−to−low transitions of the clock
input. Reset for the counters is asynchronous and active−high. State
changes of the Q outputs do not occur simultaneously because of internal
ripple delays. Therefore, decoded output signals are subject to decoding
spikes and should not be used as clocks or as strobes except when gated
with the Clock of the VHC393.
The VHCT inputs are compatible with TTL levels. This device can be
used as a level converter for interfacing 3.3 V to 5.0 V because it has full 5
V CMOS level output swings.
The VHCT393A input structures provide protection when voltages
between 0 V and 5.5 V are applied, regardless of the supply voltage. The
output structures also provide protection when VCC = 0 V. These input and
output structures help prevent device destruction caused by supply
voltage—input/output voltage mismatch, battery backup, hot insertion, etc.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output., The inputs
tolerate voltages up to 7 V, allowing the interface of 5 V systems to 3 V
systems.
High Speed: fmax = 170MHz (Typ) at VCC = 5V
Low Power Dissipation: ICC = 4μA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Designed for 2V to 5.5V Operating Range
Low Noise: VOLP = 0.8V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 2000V; Machine Model > 200V
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
2QB
2QA
RD2
VCC
2QD
2Q
C
1QB
1QA
RD1
CP1
GND
1QC
1QD
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
http://onsemi.com
MARKING DIAGRAMS
ORDERING INFORMATION
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
SOIC−14
D SUFFIX
CASE 751A
TSSOP−14
DT SUFFIX
CASE 948G
SOIC EIAJ−14
M SUFFIX
CASE 965
1
7
8
14
8
14
7
1
1
14
8
7
VHCT393A
AWLYWW
VHCT
393A
AWLYWW
VHCT393A
ALYW
Device
Package
Shipping
MC74VHCT393AD
SOIC−16
55 Units/Rail
MC74VHCT393ADR2
SOIC−16 1000 Units/Reel
MC74VHCT393ADT
TSSOP−16 96 Units/Rail
MC74VHCT393AM
SOIC
EIAJ−16
50 Units/Rail
MC74VHCT393AMEL
SOIC
EIAJ−16
2000 Units/Reel
MC74VHCT393ADTR2 TSSOP−16 2500 Units/Reel


Podobny numer części - MC74VHCT393ADTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32AD ONSEMI-MC74VHCT32AD Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Podobny opis - MC74VHCT393ADTR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
ON Semiconductor
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com