Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F-92A Arkusz danych(PDF) 1 Page - TRIAD MAGNETICS

Numer części F-92A
Szczegółowy opis  Chassis Mount: Universal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIAD [TRIAD MAGNETICS]
Strona internetowa  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-92A Arkusz danych(HTML) 1 Page - TRIAD MAGNETICS

  F-92A Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Universal
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
F-92A
Electrical Specifications (@25C)
1. Primary: 115V
1, 60 Hz
2. Secondary: 0-10V, 20VCT, 40VCT @ 0.75ADC
2
3. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-92A is a chassis mount power transformer that was designed with multiple primaries and
secondaries to give the user maximum flexibility. The F-92A is intended for use with full wave center tap
or bridge rectifiers, but may be used with voltage doubler circuits at one half of the rated current.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B (130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between primary and secondary
windings as well as between the primary / secondary windings and the core.
Dimensions:
Units: inches
H
W
D
MW
WD
3.0
2.5
3.0
2.0
2.062
Weight:
3.25 lbs
Connections:
Primary
– 22AWG, UL 1015, 7.0 “± 1”, strip & tin 0.250” ± 0.062”
Secondary
– 22AWG, UL 1015, 7.0 “± 1”, strip & tin 0.250” ± 0.062”
Schematic:
BLK/WHT
BLK/GRN
BLK/YEL
BLK
BLK/RED
RED
BLUE
YEL
GRN
PRIMARY
COM
10 V
20 V
40 V
COMMON
Primary
Secondary
GRN to RED
GRN to BLU
YEL to RED
BLU to RED
BLK/YEL to BLK
40V CT
30V
20V CT
10V
BLK/YEL to BLK/RED
38V CT
28.5V
19V CT
9.5V
BLK/GRN to BLK
34V CT
25.5V
17V CT
8.5V
BLK/GRN to BLK/RED
32V CT
24V
16V CT
8V
BLK/WHT to BLK
30V CT
22.5V
15V CT
7.5V
BLK/WHT to BLK/RED
28V
21V
14V CT
7V
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon
printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website
for the most current version.
1 Tapped primary to produce lower output voltages.
2 DC amp rating with a full wave bridge rectifier.
PRIMARY
2.062
3.0
REF
+ /- .0 6 2
SECONDARY
LEADS
1.375
REF
.203 X .375
REF
MTG SLOTS (4)
LEADS
2.0
+ /- .0 3 2
2.50
REF
3.0
REF


Podobny numer części - F-92A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
F-90X TRIAD-F-90X Datasheet
92Kb / 1P
   Chassis Mount: Universal
F-91X TRIAD-F-91X Datasheet
95Kb / 1P
   Chassis Mount: Universal
F-93X TRIAD-F-93X Datasheet
93Kb / 1P
   Chassis Mount: Universal
F-94X TRIAD-F-94X Datasheet
102Kb / 1P
   Chassis Mount: Universal
logo
Bud Industries, Inc.
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
   RUBBER FOOT
More results

Podobny opis - F-92A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
F-361U TRIAD-F-361U Datasheet
60Kb / 1P
   Chassis Mount: Universal
F-90X TRIAD-F-90X Datasheet
92Kb / 1P
   Chassis Mount: Universal
F-93X TRIAD-F-93X Datasheet
93Kb / 1P
   Chassis Mount: Universal
F-91X TRIAD-F-91X Datasheet
95Kb / 1P
   Chassis Mount: Universal
F-360U TRIAD-F-360U Datasheet
48Kb / 1P
   Chassis Mount: Universal
F-94X TRIAD-F-94X Datasheet
102Kb / 1P
   Chassis Mount: Universal
logo
Total Power Internation...
TPAS10G TOTAL-POWER-TPAS10G_17 Datasheet
199Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com