Zakładka z wyszukiwarką danych komponentów |
|
SM5006AHBS Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5006AHBS Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 18 page SM5006 series NIPPON PRECISION CIRCUITS—5 Recommended Operating Conditions SM5006 series (package form) VSS = 0 V P arameter Symbol Series Condition Rating Unit min typ m a x Supply voltage V DD ANA, ANB , C N C, C N D , DNC f ≤ 50MHz, CL = 50pF 4.5 – 5.5 V f ≤ 70MHz, CL = 15pF 4.5 – 5.5 f ≤ 40MHz, CL = 15pF 2.7 – 3.6 A N C , AND, BNC, CNE, DNE f ≤ 70MHz, CL = 50pF 4.5 – 5.5 V f ≤ 100MHz, CL = 15pF 4.5 – 5.5 f ≤ 50MHz, CL = 15pF 2.7 – 3.6 f ≤ 70MHz, CL = 15pF 3.0 – 3.6 ANE, ANF, BNE f ≤ 100MHz, CL = 15pF 4.5 – 5.5 V f ≤ 107MHz, CL = 15pF 4.5 – 5.5 f ≤ 50MHz, CL = 15pF 2.7 – 3.6 f ≤ 70MHz, CL = 15pF 3.0 – 3.6 AKA, AKB, AKC, C K D, DKC f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V A K D, BKC f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V AHA, AHB , AHC, AHD f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V Input voltage V IN All series V SS –V DD V O p e rating temperature TOPR ANA, ANB , C N C, C N D , DNC f ≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 f ≤ 40MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 10 – + 70 A N C , AND, BNC, CNE, DNE f ≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 80 °C f ≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 f ≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 f ≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6 − 20 – + 80 ANE, ANF, BNE f ≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 °C f ≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 f ≤ 107MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 f ≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6 − 20 – + 80 AKA, AKB, AKC, C K D, DKC f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 A K D, BKC f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 AHA, AHB , AHC, AHD f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 15 – + 75 |
Podobny numer części - SM5006AHBS |
|
Podobny opis - SM5006AHBS |