Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5010CL2S Arkusz danych(PDF) 6 Page - Nippon Precision Circuits Inc

Numer części SM5010CL2S
Szczegółowy opis  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010CL2S Arkusz danych(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5010CL2S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010CL2S Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—6
5010
×H× series
3 V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −10 to 70 °C unless otherwise noted.
5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, V DD = 2.7 V, IOH = 2 m A
2.1
2.4
V
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 2.7 V, IOL = 2 m A
0.3
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, I N H = L O W , V DD = 3.6 V, VOH = V DD
––
1 0
µA
Q: Measurement cct 2, I N H = L O W , V DD = 3.6 V, VOL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
V
L O W -level input voltage
V IL
INH
0.5
V
Current consumption
IDD
Measurement cct 3, load cct 2,
INH = open, CL = 15 pF, f = 16 M H z
5010
×H1
TBD
mA
5010
×H2
5010
×H3
5010
×H4
INH pull-up resistance
R UP1
Measurement cct 4
1 0 0
k
Feedback resistance
R f
Measurement cct 5
2 0 0
k
Oscillator amplifier output
resistance
R D
Design value
5010B
××
820
Built-in capacitance
C G
Design value, determined by the internal
w afer pattern
5010A
××, 5010B××
TBD
pF
C D
pF
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1, V DD = 4.5 V, IOH = 4 m A
3.9
4.2
V
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 4.5 V, IOL = 4 m A
0.3
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V, VOH = V DD
––
1 0
µA
Q: Measurement cct 2, I N H = L O W , V DD = 5.5 V, VOL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
V
L O W -level input voltage
V IL
INH
0.8
V
Current consumption
IDD
Measurement cct 3, load cct 2,
INH = open, CL = 15 pF, f = 30 M H z
5010
×H1
TBD
mA
5010
×H2
5010
×H3
5010
×H4
INH pull-up resistance
R UP1
Measurement cct 4
1 0 0
k
Feedback resistance
R f
Measurement cct 5
2 0 0
k
Oscillator amplifier output
resistance
R D
Design value
5010B
××
820
Built-in capacitance
C G
Design value, determined by the internal
w afer pattern
5010A
××, 5010B××
TBD
pF
C D
pF


Podobny numer części - SM5010CL2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5010CL2S NPC-SM5010CL2S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Podobny opis - SM5010CL2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com