Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M0050-153-3-000 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części M0050-153-3-000
Szczegółowy opis  40mm Servo Motor, 50W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

M0050-153-3-000 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  M0050-153-3-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers M0050-153-3-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers M0050-153-3-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number:
M0050-153-3-000
Frame Size:
40 mm
Continuous Torque:
1.4 in-lb
Peak Torque:
4.2 in-lb
Rated Power:
50 watts
Rated Voltage:
24 volts
Rated Speed:
3000 rpm
Peak Speed:
5000 rpm
Rated Current:
3.9 A rms
Peak Current:
10.4 A rms
Torque Constant:
0.4 in-lb/A
Voltage Constant:
4.8 V/krpm
Armature Resistance:
1.0 ohms
Armature Inductance:
1.1 mH
Motor Length:
4.84 inch
Rotor Inertia:
7.08E-04 oz-in-sec
Weight:
1.3 lbs
Integral Holding
Brake:
Yes
Storage Temperature:
-10 to 85 °C
Operating
Temperature:
0 to 40 °C
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
17 lbs
Maximum Thrust
Load:
8.8 lbs
Shaft Run Out:
0.0008 inch T.I.R. max
End Play:
0.008 inch max
Perpendicularity:
0.003 inches
Concentricity:
0.002 inches
Specifcations
2


Podobny numer części - M0050-153-3-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
M0001565 NSC-M0001565 Datasheet
206Kb / 13P
   MN54ABT244-X REV 0B0
M0002947 NSC-M0002947 Datasheet
18Kb / 9P
   MN54ABT646-X REV 0B0
M0003549 NSC-M0003549 Datasheet
143Kb / 9P
   MNDS7820A-X REV 0A0
logo
Norgren Ltd
M0020 NORGREN-M0020 Datasheet
1Mb / 4P
   Pneufit® M PUSH-IN fittings, metric
1/19
logo
List of Unclassifed Man...
M0030-153-3-000 ETC2-M0030-153-3-000 Datasheet
138Kb / 3P
   40mm Servo Motor, 30W
More results

Podobny opis - M0050-153-3-000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A0050-104-3-000 ETC2-A0050-104-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 50W
A0100-104-3-000 ETC2-A0100-104-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
M0030-153-3-000 ETC2-M0030-153-3-000 Datasheet
138Kb / 3P
   40mm Servo Motor, 30W
J0100-301-3-000 ETC2-J0100-301-3-000 Datasheet
162Kb / 4P
   40mm Servo Motor, 100W
J0100-303-3-000 ETC2-J0100-303-3-000 Datasheet
162Kb / 4P
   40mm Servo Motor, 100W
A0100-102-3-000 ETC2-A0100-102-3-000 Datasheet
159Kb / 3P
   40mm Servo Motor, 100W
M0100-101-3-000 ETC2-M0100-101-3-000 Datasheet
139Kb / 3P
   40mm Servo Motor, 100W
A0100-101-3-000 ETC2-A0100-101-3-000 Datasheet
137Kb / 3P
   40mm Servo Motor, 100W
V0050-211-A-000 ETC2-V0050-211-A-000 Datasheet
109Kb / 3P
   NEMA 17 Servo Motor, 50W
J0100-353-3-000 ETC2-J0100-353-3-000 Datasheet
142Kb / 4P
   40mm Servo Motor, 100W, with Brake
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com