Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS36 Arkusz danych(PDF) 1 Page - GOOD-ARK Electronics

Numer części LS36
Szczegółowy opis  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS36 Arkusz danych(HTML) 1 Page - GOOD-ARK Electronics

  LS36_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS36_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS36_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS36_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS36
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
www.goodark.com
1/4
2014.3-Rev.A
Features
• Schottky barrier diodes
• Low forward voltage drop
Ll
k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Maximum DC blocking voltage
Maximum average forward rectified current at TL
(See Fig.1)
3.0
60
Maximum repetitive peak reverse voltage
Maximum RMS voltage
60
42
Parameter
Symbol
Unit
LS36
IFSM
A
TJ, TSTG
°C
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
IF=3A, TA=25℃
IF=3A, TA=125℃
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Til th
l
i t
jti
t ld
1)
℃/W
100
234
Maximum DC reverse current
at rated DC blocking voltage
IR
500
20
Unit
Instantaneous forward voltage
VF
Volts
Parameter
Test Conditions
Symbol
TYP
MAX
-
0.55
0.70
-
Typical thermal resistance
juntion to lead
RθJL1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
20
www.goodark.com
1/4
2014.3-Rev.A


Podobny numer części - LS36_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
LS36A GOOD-ARK-LS36A Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
More results

Podobny opis - LS36_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
LSL36 GOOD-ARK-LSL36 Datasheet
192Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS36A GOOD-ARK-LS36A Datasheet
205Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
LS3C0 GOOD-ARK-LS3C0_15 Datasheet
199Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 3A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
SGC2060ST GOOD-ARK-SGC2060ST_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 20A
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com