Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC709004A Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części LC709004A
Szczegółowy opis  I/O-Expander for Microcontroller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709004A Arkusz danych(HTML) 3 Page - ON Semiconductor

  LC709004A Datasheet HTML 1Page - ON Semiconductor LC709004A Datasheet HTML 2Page - ON Semiconductor LC709004A Datasheet HTML 3Page - ON Semiconductor LC709004A Datasheet HTML 4Page - ON Semiconductor LC709004A Datasheet HTML 5Page - ON Semiconductor LC709004A Datasheet HTML 6Page - ON Semiconductor LC709004A Datasheet HTML 7Page - ON Semiconductor LC709004A Datasheet HTML 8Page - ON Semiconductor LC709004A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LC709004A
No.A0165-3/13
Allowable Operating Conditions at Ta = -30 to +70
°C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification (Note 3)
Unit
VDD[V]
min
typ
max
Operating supply voltage
VDD(1)
VDD
2.0
6.0
V
VDD(2)
VDDP1
Supply voltage must
be within VDD (1)'s
specification.
2.0 to 6.0
VDD-3.0
VDD
High level input voltage
VIH(1)
DIN, ports 0 to 1
4.5 to 6.0
0.3VDD+0.7
VDDPx
VIH(2)
DIN, ports 0 to 1
2.0 to 6.0
0.3VDD+0.7
VDDPx
VIH(3)
RES, CS, CLK
4.5 to 6.0
0.4VDD+0.7
VDD
VIH(4)
RES, CS, CLK
2.0 to 6.0
0.4VDD+0.7
VDD
Low level input voltage
VIL(1)
DIN, ports 0 to 1
4.5 to 6.0
VSS
0.2VDD+0.1
VIL(2)
DIN, ports 0 to 1
2.0 to 6.0
VSS
0.2VDD+0.1
VIL(3)
RES, CS, CLK
4.5 to 6.0
VSS
0.1VDD+0.2
VIL(4)
RES, CS, CLK
2.0 to 6.0
VSS
0.1VDD+0.2
Note 3: VDDPx denote the power supply pin (VDDP1) for port pins.
Electrical Characteristics at Ta = -30 to +70
°C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
(Note 3)
Ratings
Unit
VDD[V]
VDDPx[V]
min
typ
max
High level input
current
IIH
RES, CS, CLK,
Ports 0 to 1
VIN=VDD
(including output Tr.
off leakage current)
2.0 to 6.0
10
μA
Lower level input
current
IIL
RES, CS, CLK,
Ports 0 to 1
VIN=VSS
(including output Tr.
off leakage current)
2.0 to 6.0
-10
High level output
voltage
VOH(1)
Ports 0
IOH=-2mA
2.0 to 6.0
4.5 to 6.0
VDDPx-0.5
V
VOH(2)
IOH=-5mA
2.0 to 6.0
4.5 to 6.0
VDDPx-1.0
VOH(3)
IOH=-1mA
2.0 to 6.0
2.0 to 6.0
VDDPx-0.5
VOH(4)
Ports 1
IOH=-2mA
2.0 to 6.0
4.5 to 6.0
VDDPx-0.5
VOH(5)
IOH=-5mA
2.0 to 6.0
4.5 to 6.0
VDDPx-1.0
VOH(6)
IOH=-1mA
2.0 to 6.0
2.0 to 6.0
VDDPx-0.5
VOH(7)
DOUT
IOH=-5mA
4.5 to 6.0
VDDPx-0.5
VOH(8)
IOH=-10mA
4.5 to 6.0
VDDPx-1.0
VOH(9)
IOH=-2mA
2.0 to 6.0
VDDPx-0.5
Lower level output
voltage
VOL(1)
Ports 0
IOL=5mA
4.5 to 6.0
2.0 to 6.0
0.4
VOL(2)
IOL=12mA
4.5 to 6.0
2.0 to 6.0
1
VOL(3)
IOL=2mA
2.0 to 6.0
2.0 to 6.0
0.4
VOL(4)
Ports 1
IOL=5mA
4.5 to 6.0
4.5 to 6.0
0.4
VOL(5)
IOL=12mA
4.5 to 6.0
4.5 to 6.0
1
VOL(6)
IOL=2mA
2.0 to 6.0
2.0 to 6.0
0.4
VOL(7)
DOUT
IOL=5mA
4.5 to 6.0
0.4
VOL(8)
IOL=10mA
4.5 to 6.0
1
VOL(9)
IOL=2mA
2.0 to 6.0
0.4
Pull-up resistance
Rpu(1)
CS
VOH=VSS
4.5 to 6.0
100
230
650
k
Ω
Voltage hysteresis
VHIS
RES, CS, CLK
2.0 to 6.0
0.1VDD
V
Consumption current
(operation stopped)
IDDSP
VDD=VDDP1
RES=CS=VDD
CLK=DIN=VDD or VSS
DOUT=open
P0 to P1=open or VDD
or VSS
(Note 2)
2.0 to 6.0
20
μA
Pin capacity
CP
All pins
Other than test pin
VIN=VSS
f=1MHz
Ta=25
°C
2.0 to 6.0
10
pF
Note 2: The consumption current does not include the current flowing into the port's output transistor.
Note 3: VDDPx denote the power supply pin (VDDP1) for port pins.


Podobny numer części - LC709004A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
More results

Podobny opis - LC709004A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com