Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA0204HF Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SMA0204HF
Szczegółowy opis  High Frequency Thin Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA0204HF Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SMA0204HF Datasheet HTML 1Page - Vishay Siliconix SMA0204HF Datasheet HTML 2Page - Vishay Siliconix SMA0204HF Datasheet HTML 3Page - Vishay Siliconix SMA0204HF Datasheet HTML 4Page - Vishay Siliconix SMA0204HF Datasheet HTML 5Page - Vishay Siliconix SMA0204HF Datasheet HTML 6Page - Vishay Siliconix SMA0204HF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Frequency Thin Film Leaded Resistors
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28769
158
Revision: 16-Oct-09
MBA/SMA 0204 HF
Vishay Beyschlag
MBA/SMA 0204 HF leaded thin film resistors for RF
applications are the perfect choice in high frequency circuit
designs; where the impedance change due to the parasitic
inductance of regular and professional resistors can not
be accepted. Typical applications are in the fields of
telecommunication equipment and industrial electronics.
APPLICATIONS
• Telecommunication equipment
• Industrial electronics
FEATURES
Speciality product for RF applications
• Low-inductance non-helical trimmed product
• Suitable for more than 3 GHz
• Resistance range: 1.5 Ω to 470 Ω
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compliant to RoHS directive 2002/95/EC
Note
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
METRIC SIZE
DIN
0204
CECC
A
TECHNICAL SPECIFICATIONS
DESCRIPTION
MBA/SMA 0204 HF
CECC Size
A
Resistance Range
1.5
Ω to 470 Ω
Resistance Tolerance
± 1 %; ± 2 %
Temperature Coefficient
± 50 ppm/K
Operation Mode
Long term
Standard
Climatic Category (LCT/UCT/Days)
55/125/56
55/155/56
Rated Dissipation,
P70
0.25 W
0.4 W
Operating Voltage,
Umax. AC/DC
Limited by
P70
Film Temperature
125
°C
155
°C
Max. Resistance Change at
P70
for Resistance Range,
ΔR/R max., After:
1.5
Ω to 470 Ω
1000 h
≤ 0.25 %
≤ 0.5 %
8000 h
≤ 0.5 %
≤ 1.0 %
225 000 h
≤ 1.5 %
-
Permissible Voltage Against Ambient:
1 Minute;
Uins
300 V
Continuous
75 V
Failure Rate
≤ 0.7 x 10- 9/h


Podobny numer części - SMA0204HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMA0204 VISHAY-SMA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0204 VISHAY-SMA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0204 VISHAY-SMA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
SMA0204 VISHAY-SMA0204 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
More results

Podobny opis - SMA0204HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com