Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16374 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części 74ALVCH16374
Szczegółowy opis  Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16374 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button 74ALVCH16374 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 9Page - ON Semiconductor 74ALVCH16374 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74ALVCH16374
http://onsemi.com
7
Figure 7. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(±0.008")
2.0 mm × 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN.
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS R"
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004") MAX.
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937")
1 mm
(0.039") MAX
250 mm
(9.843")
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
24mm
20.1mm
(0.791")
1.5 + 0.1mm
−0.0
(0.059
+0.004" −0.0)
1.5mm
Min
(0.060")
1.75
±0.1 mm
(0.069
±0.004")
11.5
±0.10 mm
(0.453
±0.004")
11.9 mm
Max
(0.468")
16.0
±0.1 mm
(0.63
±0.004")
4.0
±0.1 mm
(0.157
±0.004")
2.0
±0.1 mm
(0.079
±0.004")
30 mm
(1.18")
0.6 mm
(0.024")
24.3 mm
(0.957")
13.Metric Dimensions Govern−English are in parentheses for reference only.
14.A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10° within the determined cavity.


Podobny numer części - 74ALVCH16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
logo
Fairchild Semiconductor
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
More results

Podobny opis - 74ALVCH16374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74AC74 ONSEMI-MC74AC74 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com