Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC373A Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 74LVC373A
Szczegółowy opis  Low-Voltage CMOS Octal Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC373A Arkusz danych(HTML) 1 Page - ON Semiconductor

  74LVC373A Datasheet HTML 1Page - ON Semiconductor 74LVC373A Datasheet HTML 2Page - ON Semiconductor 74LVC373A Datasheet HTML 3Page - ON Semiconductor 74LVC373A Datasheet HTML 4Page - ON Semiconductor 74LVC373A Datasheet HTML 5Page - ON Semiconductor 74LVC373A Datasheet HTML 6Page - ON Semiconductor 74LVC373A Datasheet HTML 7Page - ON Semiconductor 74LVC373A Datasheet HTML 8Page - ON Semiconductor 74LVC373A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 1
1
Publication Order Number:
74LVC373A/D
74LVC373A
Low-Voltage CMOS Octal
Transparent Latch
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74LVC373A is a high performance, non−inverting octal
transparent latch operating from a 1.2 to 3.6 V supply. High impedance
TTL compatible inputs significantly reduce current loading to input
drivers while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5 V allows 74LVC373A inputs
to be safely driven from 5 V devices.
The 74LVC373A contains 8 D−type latches with 3−state outputs.
When the Latch Enable (LE) input is HIGH, data on the Dn inputs
enters the latches. In this condition, the latches are transparent, i.e., a
latch output will change state each time its D input changes. When LE
is LOW, the latches store the information that was present on the D
inputs a setup time preceding the HIGH−to−LOW transition of LE.
The 3−state standard outputs are controlled by the Output Enable (OE)
input. When OE is LOW, the standard outputs are enabled. When OE
is HIGH, the standard outputs are in the high impedance state, but this
does not interfere with new data entering into the latches.
Features
Designed for 1.2 to 3.6 V VCC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
24 mA Output Sink and Source Capability
Near Zero Static Supply Current in all Three Logic States (10 mA)
Substantially Reduces System Power Requirements
ESD Performance:
Human Body Model >2000 V
Machine Model >200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
1
20
MARKING
DIAGRAM
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
LCX
373A
ALYW
G
G
TSSOP−20
DT SUFFIX
CASE 948E
1
20
See detailed ordering and shipping information on page 8 of
this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
www.onsemi.com


Podobny numer części - 74LVC373A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC373A STMICROELECTRONICS-74LVC373A Datasheet
289Kb / 13P
   OCTAL D-TYPE LATCH HIGH PERFORMANCE
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC373A-Q100 NEXPERIA-74LVC373A-Q100 Datasheet
741Kb / 19P
   Octal D-type transparent latch with 5 V tolerant
More results

Podobny opis - 74LVC373A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
MC74LCX240 ONSEMI-MC74LCX240_V01 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX244 ONSEMI-MC74LCX244_16 Datasheet
113Kb / 10P
   Low-Voltage CMOS Octal Buffer
January, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com