Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC574ADTR2G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74LVC574ADTR2G
Szczegółowy opis  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC574ADTR2G Arkusz danych(HTML) 5 Page - ON Semiconductor

  74LVC574ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC574ADTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LVC574A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 4)
Max
Min
Typ
(Note 4)
Max
tpd
Propagation Delay (Note 5)
CP to On
VCC = 1.2 V
17.0
ns
VCC = 1.65 V to 1.95 V
4.6
6.4
13.1
4.6
15.1
VCC = 2.3 V to 2.7 V
2.6
3.9
7.9
2.6
9.1
VCC = 2.7 V
1.5
3.7
8.0
1.5
10.0
VCC = 3.0 V to 3.6 V
1.5
3.5
7.0
1.5
9.0
ten
Enable Time (Note 6)
OE to On
VCC = 1.2 V
19.0
ns
VCC = 1.65 V to 1.95 V
1.5
7.0
17.1
1.5
19.8
VCC = 2.3 V to 2.7 V
1.5
4.0
9.4
1.5
10.9
VCC = 2.7 V
1.5
4.1
8.5
1.5
11.0
VCC = 3.0 V to 3.6 V
1.5
3.2
7.5
1.5
9.5
tdis
Disable Time (Note 7)
OE to On
VCC = 1.2 V
9.0
ns
VCC = 1.65 V to 1.95 V
2.5
4.1
10.1
2.5
11.6
VCC = 2.3 V to 2.7 V
1.0
2.3
5.7
1.0
6.6
VCC = 2.7 V
1.5
3.1
6.5
1.5
8.5
VCC = 3.0 V to 3.6 V
1.5
2.9
6.0
1.5
7.5
tw
Pulse Width
Clock HIGH or LOW
VCC = 1.65 V to 1.95 V
5.0
5.0
ns
VCC = 2.3 V to 2.7 V
4.0
4.0
VCC = 2.7 V
3.3
3.3
VCC = 3.0 V to 3.6 V
3.3
1.7
3.3
tsu
Set−up Time
Dn to CP
VCC = 1.65 V to 1.95 V
4.0
4.0
ns
VCC = 2.3 V to 2.7 V
2.5
2.5
VCC = 2.7 V
2.0
2.0
VCC = 3.0 V to 3.6 V
2.0
0.3
2.0
th
Hold Time
Dn to CP
VCC = 1.65 V to 1.95 V
3.0
3.0
ns
VCC = 2.3 V to 2.7 V
2.0
2.0
VCC = 2.7 V
1.5
1.5
VCC = 3.0 V to 3.6 V
1.5
−0.2
1.5
fmax
Maximum Frequency
VCC = 1.65 V to 1.95 V
100
80
MHz
VCC = 2.3 V to 2.7 V
125
100
VCC = 2.7 V
150
120
VCC = 3.0 V to 3.6 V
150
200
120
tsk(0)
Output Skew Time (Note 8)
1.0
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
5. tpd is the same as tPLH and tPHL.
6. ten is the same as tPZL and tPZH.
7. tdis is the same as tPLZ and tPHZ.
8. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.


Podobny numer części - 74LVC574ADTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC574AD PHILIPS-74LVC574AD Datasheet
99Kb / 10P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC574AD NEXPERIA-74LVC574AD Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ADB PHILIPS-74LVC574ADB Datasheet
99Kb / 10P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results

Podobny opis - 74LVC574ADTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com