Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5849AF Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc

Numer części SM5849AF
Szczegółowy opis  Asynchronous Sample Rate Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849AF Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5849AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—5
PIN DESCRIPTION
Number
Name
I/O1
Description
1
V D D
Supply voltage
2
DI
Ip
Digital input signal
3
BCKI
Ip
Bit clock input
4
LRCI
Ip
W ord clock input
5
V S S
Ground
6
ICLK
I
System clock input
7
ICKSL
Ip
System clock select. 384fs clock when HIGH, and 256fs clock when LOW .
8
IFM1
Ip
Input format select
9
IFM2
Ip
1 0
IWL1
Ip
Input word length select
1 1
IWL2
Ip
1 2
N C
No connection (must be open)
1 3
N C
No connection (must be open)
1 4
N C
No connection
1 5
N C
No connection (must be open)
1 6
N C
No connection (must be open)
1 7
N C
No connection (must be open)
1 8
N C
No connection (must be open)
1 9
N C
No connection (must be open)
20
V S S
Ground
2 1
V D D
Supply voltage
2 2
DMUTE
Ip
Direct mute pin. Muting ON when HIGH.
2 3
MCOM
Ip
Microcontroller control select. Microcontroller control when HIGH.
24
MDT/FSI1
Ip
When MCON = HIGH: Microcontroller interface data input (MDT)
When MCON = LOW: Deemphasis filter fs select 1 (FSI1)
2 5
MCK/FSI2
Ip
When MCON = HIGH: Microcontroller interface clock (MCK)
When MCON = LOW: Deemphasis filter fs select 2 (FSI2)
2 6
MLEN/DEEM
Ip
When MCOM is HIGH: Microcontroller interface latch enable (MLEN)
When MCOM is LOW : Deemphasis function select (DEEM)
2 7
N C
No connection (must be open)
2 8
N C
No connection (must be open)
2 9
N C
No connection (must be open)
3 0
N C
No connection (must be open)
3 1
N C
No connection (must be open)
3 2
N C
No connection (must be open)
3 3
N C
No connection (must be open)
3 4
N C
No connection (must be open)
3 5
N C
No connection (must be open)
3 6
N C
No connection (must be open)
3 7
N C
No connection (must be open)
IFM1
IFM2
Data position
L O W
L O W
Right justifie d
L O W
HIGH
Right justifie d 1
1. Data is in LSB first sequence
HIGH
L O W
Left justifie d
HIGH
HIGH
IIS
IWL1
IWL2
Data length
L O W
L O W
16 bits
L O W
HIGH
24 bits
HIGH
L O W
20 bits
HIGH
HIGH
24 bits


Podobny numer części - SM5849AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
More results

Podobny opis - SM5849AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com