Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA3117 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części SMA3117
Szczegółowy opis  MMIC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA3117 Arkusz danych(HTML) 2 Page - ON Semiconductor

  SMA3117 Datasheet HTML 1Page - ON Semiconductor SMA3117 Datasheet HTML 2Page - ON Semiconductor SMA3117 Datasheet HTML 3Page - ON Semiconductor SMA3117 Datasheet HTML 4Page - ON Semiconductor SMA3117 Datasheet HTML 5Page - ON Semiconductor SMA3117 Datasheet HTML 6Page - ON Semiconductor SMA3117 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMA3117
No.8936-2/7
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
4.5
5
5.5
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Electrical Characteristics at Ta=25°C, VCC=5V, Zs=ZL=50Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
18.5
22.7
28.0
mA
Power Gain
Gp
f=1GHz
29.5
31.2
32.5
dB
f=2.2GHz
30.5
33.5
35.5
Isolation
ISL
f=1GHz
35.0
37.6
dB
f=2.2GHz
34.0
36.5
Input Return Loss
RLin
f=1GHz
9.0
11.2
dB
f=2.2GHz
4.5
6.0
Output Return Loss
RLout
f=1GHz
11.0
14.3
dB
f=2.2GHz
12.0
16.3
Noise Figure
NF
f=1GHz
4.1
5.0
dB
f=2.2GHz
3.9
5.0
Gain 1dB Compression Output Power *1
Po(1dB)
f=1GHz
7.5
9.8
dBm
f=2.2GHz
3.7
5.7
Upper Limit Operating Frequency *1
fu
3dB down below flat gain at f=1GHz
3.0
GHz
*1 : On evaluation board
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
Ordering Information
Device
Package
Shipping
memo
SMA3117-TL-H
MCPH6
3,000pcs./reel
Pb Free and Halogen Free
Test Circuit
100pF
100pF
1000pF
IN
VCC
OUT
100nH
12
65
3
4
IT15580
Connect 2, 4 and 5 with GND.


Podobny numer części - SMA3117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117 Datasheet
464Kb / 5P
   Wideband Amplifier
SMA3117 SANYO-SMA3117 Datasheet
580Kb / 7P
   Wideband Amplifier
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
More results

Podobny opis - SMA3117

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
   MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com