Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BYC5-600P Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BYC5-600P
Szczegółowy opis  Hyperfast power diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC5-600P Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BYC5-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC5-600P_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NXP Semiconductors
BYC5-600P
Hyperfast power diode
BYC5-600P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
24 December 2014
4 / 11
Tmb (°C)
-50
200
150
50
100
0
aaa-015783
2
4
6
IF(AV)
(A)
0
133 °C
Fig. 3. Forward current as a function of mounting base
temperature; maximum values
tp (s)
10-5
10-2
10-3
10-4
aaa-015784
103
102
104
IFSM
(A)
10
tp
Tj(init) = 25 °C max
IF
IFSM
t
Fig. 4. Non-repetitive peak forward current as a
function of pulse width; sinusoidal waveform;
maximum values


Podobny numer części - BYC5-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WeEn Semiconductors
BYC5-600P WEEN-BYC5-600P Datasheet
438Kb / 10P
   Hyperfast power diode
More results

Podobny opis - BYC5-600P_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com