Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA3107-TL-E Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części SMA3107-TL-E
Szczegółowy opis  MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA3107-TL-E Arkusz danych(HTML) 1 Page - ON Semiconductor

  SMA3107-TL-E Datasheet HTML 1Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 2Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 3Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 4Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 5Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 6Page - ON Semiconductor SMA3107-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D0512 TKIM TC-00002857/62310AM TKIM TC-00002385 No. A1753-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
SMA3107
MMIC
Amplifier, 3V, 6mA, 0.1 to 2.8GHz, MCPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
High Gain
: Gp=23.5dB typ. @1GHz
Wideband response : fu=2.8GHz
Low current
: ICC=6mA typ.
Port impedance
: input/output 50Ω
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
5V
Circuit Current
ICC
15
mA
Allowable Power Dissipation
PD
280
mW
Operating Temperature
Topr
--40 to +85
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7022A-018
Ordering number : ENA1753A
Product & Package Information
• Package
: MCPH6
• JEITA, JEDEC
: SC-88, SC-70-6, SOT-363
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
TL
1 : VCC
2 : GND
3 : OUT
4 : GND
5 : GND
6 : IN
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
SMA3107-TL-E
LE


Podobny numer części - SMA3107-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SMA3107 SANYO-SMA3107 Datasheet
80Kb / 5P
   Wideband Amplifier
SMA3107 SANYO-SMA3107 Datasheet
543Kb / 7P
   Wideband Amplifier
SMA3107 SANYO-SMA3107_12 Datasheet
543Kb / 7P
   Wideband Amplifier
More results

Podobny opis - SMA3107-TL-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFHIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
   MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
   MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
   MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
   MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
   MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
   MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
   MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
   MMIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
   MMIC
AP409 RFHIC-AP409 Datasheet
422Kb / 7P
   MMIC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com