Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP175AQDRQ1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP175AQDRQ1
Szczegółowy opis  TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175AQDRQ1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TMP175AQDRQ1 Datasheet HTML 6Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 7Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 8Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 9Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 10Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 11Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 12Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 13Page - Texas Instruments TMP175AQDRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TMP175-Q1, TMP75-Q1
SBOS759 – NOVEMBER 2015
www.ti.com
7.3.2.2 Serial Bus Address
To communicate with the TMP175-Q1 and TMP75-Q1, the master must first address slave devices through a
slave address byte. The slave address byte consists of seven address bits and a direction bit indicating the intent
of executing a read or write operation.
The TMP175-Q1 features three address pins to allow up to 27 devices to be addressed on a single bus interface.
Table 2 describes the pin logic levels used to properly connect up to 27 devices. A 1 indicates that the pin is
connected to the supply (VCC) and a 0 indicates that the pin is connected to GND; float indicates that the pin is
left unconnected. The state of the A0, A1, and A2 pins is sampled on every bus communication and must be set
prior to any activity on the interface.
Table 2. Address Pins and Slave Addresses for the TMP175-Q1
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Float
0
0
1110000
Float
0
Float
1110001
Float
0
1
1110010
Float
1
0
1110011
Float
1
Float
1110100
Float
1
1
1110101
Float
Float
0
1110110
Float
Float
1
1110111
0
Float
0
0101000
0
Float
1
0101001
1
Float
0
0101010
1
Float
1
0101011
0
0
Float
0101100
0
1
Float
0101101
1
0
Float
0101110
1
1
Float
0101111
0
Float
Float
0110101
1
Float
Float
0110110
Float
Float
Float
0110111
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP175-Q1 TMP75-Q1


Podobny numer części - TMP175AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP175AID TI-TMP175AID Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175AID TI1-TMP175AID Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175AIDG4 TI1-TMP175AIDG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175AIDGKR TI1-TMP175AIDGKR Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP175AIDGKR UMW-TMP175AIDGKR Datasheet
874Kb / 18P
   Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
More results

Podobny opis - TMP175AQDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com