Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP302AQDRLRQ1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP302AQDRLRQ1
Szczegółowy opis  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302AQDRLRQ1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TMP302AQDRLRQ1 Datasheet HTML 6Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 7Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 8Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 9Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 10Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 11Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 12Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 13Page - Texas Instruments TMP302AQDRLRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Time (5 µs/div)
OUT
VS
Time (10 ms/div)
OUT
VS
TMP302-Q1
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
0.1 µF
OUTPUT
VS
1.4 V to 3.6 V
10 k
TMP302-Q1
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
www.ti.com
Typical Application (continued)
Figure 11. TMP302-Q1 Generic Application Schematic
9.2.1 Design Requirements
Designing with the TMP302-Q1 family of devices is simple, See Figure 10 and Figure 11 for typical circuit
configurations.
9.2.2 Detailed Design Procedure
Determine the threshold temperature and hysteresis required for the application. Connect the TMPSET0,
TMPSET1 and HYSTSET pins according to the application requirements. Refer to Table 1 and Table 2. Use a
10-k
Ω pullup resistor from the OUT pin to the VS pin. To minimize power, a larger-value pullup resistor can be
used but must not exceed 100 k
Ω. Place a 0.1-µF bypass capacitor close to the TMP302-Q1 device to reduce
noise coupled from the power supply.
9.2.3 Application Curves
Figure 12 and Figure 13 show the TMP302A-Q1 power on response with the ambient temperature less than
50°C and greater than 50°C respectively. The TMP302A-Q1 was configured with trip point set to 50°C. The
TMP302B-Q1, TMP302C-Q1, and TMP302D-Q1 devices behave similarly with regards to power on response
with TA below or above the trip point. Note that the OUT signal typically requires 35 ms following power on to
become valid.
Figure 12. TMP302A-Q1 Power-On Response, TA Less than
Figure 13. TMP302A-Q1 Power-On Response, TA Greater
50°C
than 50°C
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP302-Q1


Podobny numer części - TMP302AQDRLRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302ADRLR TI-TMP302ADRLR Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302ADRLT TI-TMP302ADRLT Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

Podobny opis - TMP302AQDRLRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
[Old version datasheet]   TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com