Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP435 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TMP435
Szczegółowy opis  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TMP435_15 Datasheet HTML 2Page - Texas Instruments TMP435_15 Datasheet HTML 3Page - Texas Instruments TMP435_15 Datasheet HTML 4Page - Texas Instruments TMP435_15 Datasheet HTML 5Page - Texas Instruments TMP435_15 Datasheet HTML 6Page - Texas Instruments TMP435_15 Datasheet HTML 7Page - Texas Instruments TMP435_15 Datasheet HTML 8Page - Texas Instruments TMP435_15 Datasheet HTML 9Page - Texas Instruments TMP435_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
BetaCompensationDisabled.
GNDCollector-ConnectedTransistorwithn-factor=1.008.
3
2
1
0
1
2
3
-
-
-
-50
-25
0
25
50
75
100
125
AmbientTemperature,T (
A
C)
°
700
600
500
400
300
200
100
0
0.0625
0.125
0.25
0.5
1
2
4
8
ConversionRate(conversions/s)
V =3.3V
S
150
100
50
0
50
100
-
-
-150
0
5
10
15
20
30
25
LeakageResistance(M )
W
R
GND (LowBeta)
R
Vs
R
Vs (LowBeta)
R
GND
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V (V)
S
500
450
400
350
300
250
200
150
100
50
0
1k
10k
100k
1M
10M
SCLClockFrequency(Hz)
V =3.3V
S
V =5.5V
S
TMP435
SBOS495A – MARCH 2010 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 3.3V, unless otherwise noted.
REMOTE TEMPERATURE ERROR
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
REMOTE TEMPERATURE ERROR
QUIESCENT CURRENT
vs LEAKAGE RESISTANCE
vs CONVERSION RATE
Figure 3.
Figure 4.
SHUTDOWN QUIESCENT CURRENT
SHUTDOWN QUIESCENT CURRENT
vs SCL CLOCK FREQUENCY
vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP435


Podobny numer części - TMP435_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results

Podobny opis - TMP435_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
956Kb / 40P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Series-R, 管-Factor, and Automatic Beta Compensation
TMP432 TI-TMP432_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP431 TI1-TMP431_15 Datasheet
1Mb / 42P
[Old version datasheet]   짹1째C Temperature Sensor with Series-R, 管-Factor, and Automatic Beta Compensation
TMP441 TI1-TMP441_15 Datasheet
1Mb / 29P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation,Series-R, and h-Factor in a SOT23-8
TMP441 TI1-TMP441 Datasheet
764Kb / 28P
[Old version datasheet]   짹1째C TEMPERATURE SENSOR with Automatic Beta Compensation, Series-R, and h-Factor in a SOT23-8
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com