Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK673-010-E Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części STK673-010-E
Szczegółowy opis  3-Phase Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK673-010-E Arkusz danych(HTML) 5 Page - ON Semiconductor

  STK673-010-E Datasheet HTML 1Page - ON Semiconductor STK673-010-E Datasheet HTML 2Page - ON Semiconductor STK673-010-E Datasheet HTML 3Page - ON Semiconductor STK673-010-E Datasheet HTML 4Page - ON Semiconductor STK673-010-E Datasheet HTML 5Page - ON Semiconductor STK673-010-E Datasheet HTML 6Page - ON Semiconductor STK673-010-E Datasheet HTML 7Page - ON Semiconductor STK673-010-E Datasheet HTML 8Page - ON Semiconductor STK673-010-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK673-010-E
No.5708-5/15
Set Equation of Output Current IO Peak Value
IO peak = Vref ÷ K K = 0.63 (V/A)
where
Vref
≤ 0.5 × VCC2
Vref = VCC2 × Rox ÷ (R01 + Rox)
Rox = (R02
× 4.0kΩ) ÷ (R02 + 4.0kΩ)
• R02 is preferably set to be 100Ω in order to minimize the effect of the internal impedance (4.0kΩ ±30%) of
STK673-010-E
• For noise reduction in 5V system, put the GND side of bypass capacitor (220μF) of VCC1 (shown in a thick line in
the above Sample Application Circuit) in the vicinity of pins 27 and 28 of the hybrid IC.
• Set the capacitance value of the bypass capacitor C1 such that a ripple current of a capacitance, which varies in
accordance with the increase of motor current, lies in an allowable range.
• K in the above-mentioned set equation varies within ±5 to ±10% depending on the inductance L and resistance value
R of the used motor. Check the peak value setting of IO upon actual setting.
Input/Output Terminals Functions of 5V System
Terminal name
No.
Function
Conditions upon Functioning
0 = Low, 1 = High
Clock
11
Basic clock for switching phase current of motor
Input frequency range: DC to 50kHz
Minimum pulse width: 10
μs
High level duty: 40 to 60%
Rising edge in Mode C = 1
Rising and falling edge in Mode C = 0
Mode A
12
Sets excitation mode
See table listed below
Mode B
13
Sets excitation mode
See table listed below
Mode C
18
Sets excitation mode
See table listed below
TU
22
Sets excitation mode
Switches 2-3 phase excitation of step current to rectangular current
More effective in increasing torque than in lowering vibration of motor
See table listed below
Hold
14
Temporarily holds the motor in a state
0
CW/CCW
15
Switches the rotational direction of the motor
1 = CW, 0 = CCW
Enable
16
Turns OFF all of the driving MOSFET
0
Reset
17
System reset Make sure to input a reset signal of 10
μs or more
0
MOI
20
Monitors the number of revolution of the motor
Outputs 1 pulse of a high level signal per
one cycle of phase current
Vref
10
Sets the peak value of the motor current set at 0.63V per 1A
Maximum value 0.5
× VCC2 (4A max)
Excitation Mode Table
Input condition
Mode A
Mode B
Mode C
TU
Excitation No.
Excitation Mode
Number of current
steps
Number of clock pulse
per one cycle of
phase current
0
0
1
1
(1)
2-phase
1
6
0
1
1
1
(2)
2-3-phase
3
12
0
1
1
0
(3)
2-3-phase TU
1
12
1
0
1
1
(4)
W2-3-phase
6
24
1
1
1
1
(5)
2W2-3-phase
12
48
0
0
0
1
(6)
2-3-phase
3
6
0
0
0
0
(7)
2-3-phase TU
1
6
0
1
0
1
(8)
W2-3-phase
6
12
1
0
0
1
(9)
2W2-3-phase
12
24
As shown in the table, TU terminal is only effective for Excitation Nos. (3) and (7).
Although the present hybrid IC is not damaged even when TU = 0 is mistakenly input in Excitation, other than
Excitation Nos. (3) and (7), motor vibration or motor current may increase.
* Timing charts for 3-phase stepping motor driver is illustrated on pages 9 to 13 for exemplary operations of Enable
Hold, CW/CCW for Excitation Nos. (1), (2), (3), (4), (5) and (9), and Excitation No. (4).


Podobny numer części - STK673-010-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
More results

Podobny opis - STK673-010-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com