Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP107BIDR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP107BIDR
Szczegółowy opis  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP107BIDR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TMP107BIDR Datasheet HTML 7Page - Texas Instruments TMP107BIDR Datasheet HTML 8Page - Texas Instruments TMP107BIDR Datasheet HTML 9Page - Texas Instruments TMP107BIDR Datasheet HTML 10Page - Texas Instruments TMP107BIDR Datasheet HTML 11Page - Texas Instruments TMP107BIDR Datasheet HTML 12Page - Texas Instruments TMP107BIDR Datasheet HTML 13Page - Texas Instruments TMP107BIDR Datasheet HTML 14Page - Texas Instruments TMP107BIDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
7.3 Feature Description
7.3.1 Digital Temperature Output
The 14-bit digital output from each temperature measurement conversion is stored in the temperature register.
Read two bytes to obtain the data. Table 1 summarizes the temperature data format. Negative numbers are
represented in binary twos complement format. The temperature sensor resolution is 0.015625ºC/LSB.
Table 1. Temperature Data Format
DIGITAL OUTPUT
TEMPERATURE (°C)
BINARY
HEX
127.984
01 1111 1111 1111
1FFF
100
01 1001 0000 0000
1900
80
01 0100 0000 1000
1408
75
01 0010 1100 0000
12C0
50
00 1100 1000 0000
C80
25
00 0110 0100 0000
640
0.25
00 0000 0001 0000
10
0
00 0000 0000 0000
0
–0.25
11 1111 1111 0000
3FF0
–25
11 1001 1100 0000
39C0
–55
11 0010 0100 0000
3240
Use the following rules to obtain the data for a given temperature, and vice versa.
To convert positive temperatures to a digital data format:
Divide the temperature by the resolution. Then, convert the result to binary code with a 14-bit, left-justified
format.
Example: (50°C) / (0.015625°C / LSB) = 3200 = C80h = 00 1100 1000 0000 = C80h
To convert a positive digital data format to temperature:
Convert the 14-bit, left-justified, binary temperature result to a decimal number. Then, multiply the decimal
number by the resolution to obtain the positive temperature.
Example: 00 1100 1000 0000 = C80h = 3200 × (0.015625°C / LSB) = 50°C
To convert negative temperatures to a digital data format:
Divide the absolute value of the temperature by the resolution and convert the result to binary code with a 14-
bit, left-justified format. Then, generate the twos complement of the result by complementing the binary
number and adding one.
Example: (|–25°C|) / (0.015625°C / LSB) = 1600 = 640h = 00 0110 0100 0000
Twos complement format: 11 1001 1011 1111 + 1 = 11 1001 1100 0000 = 39C0h
To convert a negative digital data format to temperature:
Generate the twos complement of the 14-bit, left-justified binary number of the temperature result by
complementing the binary number and adding one. This number is the binary representation of the absolute
value of the temperature. Convert to a decimal number and multiply by the resolution to obtain the absolute
temperature, then multiply by –1 for the negative sign.
Example: 11 1001 1100 0000 has a twos complement of 00 0110 0011 1111 + 1 = 00 0110 0100 0000
Convert to temperature: 00 0110 0100 0000 = 640h = 1600; 1600 × (0.015625°C / LSB) = 25°C = (|–25°C|);
(|–25°C|) × (–1) = –25°C
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP107


Podobny numer części - TMP107BIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Podobny opis - TMP107BIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com