Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11851MC Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LB11851MC
Szczegółowy opis  Microprocessor Fan Motor Interface Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11851MC Arkusz danych(HTML) 2 Page - ON Semiconductor

  LB11851MC Datasheet HTML 1Page - ON Semiconductor LB11851MC Datasheet HTML 2Page - ON Semiconductor LB11851MC Datasheet HTML 3Page - ON Semiconductor LB11851MC Datasheet HTML 4Page - ON Semiconductor LB11851MC Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB11851MC
No.A2091-2/5
Specifications
Absolute Maximum Ratings at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
OUTN pin maximum output current
IOUTN max
20
mA
OUTP pin maximum output current
IOUTP max
20
mA
OUT pin voltage handling capacity
VOUT max
18
V
5VREG maximum output current
I5VREG max
20
mA
Allowable power dissipation
Pd max
When mounted on the specified circuit board *1
0.75
W
Operating temperature
Topr
*2
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
*1 Specified substrate : 114.3mm × 76.1mm × 1.6mm, glass epoxy board.
*2 Do not exceed Tj max = 150
°C
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage - VCC
VCC
6 to 16
V
PWM high-level input voltage range
VPWMINH
2.1 to 5
V
PWM low-level input voltage range
VPWMINL
0 to 0.4
V
FGIN high-level input voltage range
VFGINH
2.1 to 5
V
FGIN low-level input voltage range
VFGINL
0 to 0.3
V
SENSE input voltage range
VSENop
0 to 5
V
Electrical Characteristics at Ta
= 25°C, VDD = 12V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC1
With no load
3.5
5
6.5
mA
5VREG voltage
5VREG
5VREG = 10mA
4.8
5
5.2
V
SENSE pin detection voltage
VSENth
0.15
0.19
0.23
V
FGIN high-level input current
FGIhi
VIN = 3V
60
80
100
μA
FGIN low-level input current
FGIlow
VIN = 0V
-27
-21
-15
μA
PWMIN high-level current
PWMIhi
VIN = 3V
35
45
55
μA
PWMIN low-level current
PWMIlow
VIN = 0V
-27
-21
-14
μA
OUT1P, OUT2P high-level output
voltage
VO12PH
IO = 10mA *2
10
11
11.9
V
OUT1P, OUT2P low-level output
voltage
VO12PL
IO = 10mA *2
3
4
5
V
OUT1N, OUT2N high-level output
voltage
VO12NH
IO = 10mA *1
9
10
11.9
V
OUT1N, OUT2N low-level output
voltage
VO12NL
IO = 10mA *1
0.1
1
2
V
*1 : There is a built-in 100
Ω gate protection resistor.
*2 : There is a built-in 300
Ω gate protection resistor.
Truth Table
FGIN
PWMIN
SENSE
OUT1P
OUT1N
OUT2P
OUT2N
Mode
L
L
L
H
H
OUT1
→ 2 drive
H
L
L
H
H
L
L
OUT2
→ 1 drive
L
H
L
H
H
H
H
L
H
H
H
L
Regeneration mode
(low side regeneration)
L
H
L
H
H
H
L
H
H
H
H
L
Current limiter
(low side regeneration)
Note 1 : For the SENSE pin, the "H" state is 0.2V or higher.
Note 2 : The IC goes to regeneration mode (no motor drive applied) when the microcontroller is reset (the output high-impedance state).
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - LB11851MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results

Podobny opis - LB11851MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11851TT SANYO-LB11851TT Datasheet
199Kb / 5P
   Microprocessor Fan Motor Interface Driver
logo
ON Semiconductor
LB11851FA ONSEMI-LB11851FA Datasheet
208Kb / 5P
   Microprocessor Fan Motor Interface Driver
May, 2013
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com